Electronic Components Datasheet Search
  English  ▼

X  

ICS8312 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS8312
Description  Maximum output frequency
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8312 Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS8312 Datasheet HTML 1Page - Integrated Device Technology ICS8312 Datasheet HTML 2Page - Integrated Device Technology ICS8312 Datasheet HTML 3Page - Integrated Device Technology ICS8312 Datasheet HTML 4Page - Integrated Device Technology ICS8312 Datasheet HTML 5Page - Integrated Device Technology ICS8312 Datasheet HTML 6Page - Integrated Device Technology ICS8312 Datasheet HTML 7Page - Integrated Device Technology ICS8312 Datasheet HTML 8Page - Integrated Device Technology ICS8312 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ICS8312
LOW SKEW, 1-TO-12 LVCMOS/LVTTL FANOUT BUFFER
IDT™ / ICS™ LVCMOS/LVTTL FANOUT BUFFER
5
ICS8312AY REV. D JULY 3, 2008
Table 4D. Power Supply DC Characteristics, VDD = 3.3V ± 5%, VDDO = 2.5V ± 5%, TA = 0°C to 85°C
Table 4E. Power Supply DC Characteristics, VDD = 3.3V ± 5%, VDDO = 1.8V ±0.2V, TA = 0°C to 85°C
Table 4F. Power Supply DC Characteristics, VDD = 2.5V ± 5%, VDDO = 1.8V ±0.2V, TA = 0°C to 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Positive Supply Voltage
3.135
3.3
3.465
V
VDDO
Output Supply Voltage
2.375
2.5
2.625
V
IDD
Power Supply Current
10
mA
IDDO
Output Supply Current
10
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Positive Supply Voltage
3.135
3.3
3.465
V
VDDO
Output Supply Voltage
1.6
1.8
2.0
V
IDD
Power Supply Current
10
mA
IDDO
Output Supply Current
10
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Positive Supply Voltage
2.375
2.5
2.625
V
VDDO
Output Supply Voltage
1.6
1.8
2.0
V
IDD
Power Supply Current
10
mA
IDDO
Output Supply Current
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com