Electronic Components Datasheet Search
  English  ▼

X  

FT5000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FT5000
Description  FT 5000 Smart Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT5000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FT5000 Datasheet HTML 1Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 2Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 4Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 5Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 6Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 7Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 8Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
whenever the interrupt condition is met.
See the
Neuron C Programmer’s Guide for
more information about writing interrupt
tasks and handling interrupts.
JTAG. The FT 5000 Smart Transceiver
provides an interface for the Institute of
Electrical and Electronics Engineers (IEEE)
Standard Test Access Port and Boundary-
Scan Architecture (IEEE 1149.1-1990) of the
Joint Test Action Group (JTAG) to allow
a Series 5000 chip to be included in the
boundary-scan chain for device production
tests. A Boundary Scan Description
Language (BSDL) file for the FT 5000
Smart Transceiver can be downloaded from
Echelon’s Web site.
I/O Pins and Counters
The FT 5000 Smart Transceiver
provides 12 bidirectional I/O pins that
are 5V-tolerant and can be configured to
operate in one or more of 35 predefined
standard input/output models. The chip
also has two 16-bit timer/counters that
reduce the need for external logic and
software development.
Memory Architecture
The FT 5000 Smart Transceiver uses
inexpensive external serial EEPROM and
flash memories for non-volatile application
and data storage, and optionally for future
Neuron firmware upgrades. It has 16KB of
ROM and 64KB (44KB user-accessible)
of RAM on the chip. It has no on-chip
non-volatile memory (EEPROM or flash)
for application use. Each chip, however,
contains its unique Neuron identifier
(Neuron ID) in an on-chip, non-volatile,
read-only memory.
The application code and configuration
data are stored in the external non-
volatile memory (NVM) and copied into
the internal RAM during device reset; the
instructions then execute from internal
RAM. Writes to NVM are shadowed in the
internal RAM and pushed out to external
NVM by the Neuron firmware (see Figure
2). The application does not manage NVM
directly.
External memories supported. The FT
5000 Smart Transceiver supports two serial
interfaces for accessing off-chip, non-
volatile memories: serial Inter-
Integrated Circuit (I2C) and serial peripheral
interface (SPI). EEPROM and flash memory
devices can use either the I2C interface or
the SPI interface. However, at the time of
publication, there are no serial flash parts
that use the I2C protocol and meet the
required specifications for the Series 5000
external memory interface.
External serial EEPROMs and flash devices,
which are inexpensive and come in very
small form factors, are available from
multiple vendors.
The FT 5000 Smart Transceiver requires at
least 2KB of off-chip memory available in an
EEPROM device to store the configuration
data. The application code can be stored
either in the EEPROM (by using a larger-
capacity EEPROM device) or in a flash
memory device used in addition to the 2KB
(minimum) EEPROM. Thus, the external
memory for the FT 5000 Smart Transceiver
has one of the configurations listed in Table
1:
Con-
figura-
tion
EEPROM
Comments
I2C
SPI
SPI
1
☑
A single I2C EEPROM
memory device,
from 2KB to 64KB
in size.
2
☑
☑
One I2C EEPROM (at
least 2KB in size, up
to 64KB in size, but
the system uses only
the first 2KB of the
EEPROM memory).
One SPI flash
memory device.
3
☑
A single SPI
EEPROM memory
device, from 2KB to
64KB in size.
4
☑ ☑
One SPI EEPROM (at
least 2KB in size, up
to 64KB in size, but
the system uses only
the first 2KB of the
EEPROM memory).
One SPI flash
memory device.
Table 1: Allowed External Memory Device
Configurations
As Table 1 shows, the FT 5000 Smart
Transceiver supports using a single
EEPROM memory device, or a single
EEPROM memory device plus a single flash
memory device.
If the FT 5000 Smart Transceiver detects
an external flash memory device, the flash
memory represents the entire user non-
volatile memory for the device. That is, any
additional EEPROM memory beyond the
mandatory 2KB is not used.
Using the I2C interface. When using the I2C
interface for external EEPROM, the FT
5000 Smart Transceiver is always the
master I2C device (see Figure 3). The clock
speed supported for the I2C serial memory
interface is 400kHz (fast I2C mode). The I2C
memory device must specify I2C address 0.
Both 1-byte and 2-byte address modes are
supported, but 3-byte addressing mode is
not.
SDA
3.3 V
_CS1~
MISO
SCL
I2C
Slave
(EEPROM)
Series
5000 Chip
Figure 3: Using the I2C Interface for External
NVM EEPROM Memory
Memory devices supported. The FT 5000
Smart Transceiver supports any EEPROM
device that uses the SPI or I2C protocol,
and meets the clock speed and addressing
requirements described above. While all
EEPROM devices have a uniform write
procedure, flash devices from various
manufacturers differ slightly in their write
procedure. Thus, a small library routine is
stored in the external EEPROM device that
helps the system write successfully to the
external flash device. Echelon has qualified
the following SPI flash memory devices for
use with the FT 5000 Smart Transceiver:
• Atmel® AT25F512B 512-Kilobit
2.7-volt Minimum SPI Serial Flash
Memory.
• Numonyx™ M25P05-A 512-Kbit,
serial flash memory, 50MHz SPI bus
interface.
• Silicon Storage Technology
SST25VF512A 512 Kbit SPI Serial
Flash.
Additional devices may be qualified in
the future.
Memory map. An FT 5000 Smart
Transceiver has a memory map of 64KB.
A Neuron C application program uses
this memory map to organize its memory
and data access. The memory map is a
logical view of device memory, rather
than a physical view, because the chip’s
processors only directly access RAM. The
memory map divides the FT 5000 Smart
Transceiver’s physical 64KB RAM into
the following types of logical memory, as
shown in Figure 6:
• Neuron firmware image (stored in
on-chip ROM or external NVM).
• On-chip RAM or NVM. Memory
ranges for each are configurable
within the device hardware template.
The non-volatile memory represents
www.echelon.com
®



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com