Electronic Components Datasheet Search
  English  ▼

X  

FT5000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FT5000
Description  FT 5000 Smart Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT5000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FT5000 Datasheet HTML 1Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 2Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 4Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 5Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 6Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 7Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 8Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
The FT 5000 Smart Transceiver is our next-generation chip
for smart networks. It is the key product in the LonWorks® 2.0
platform—the next generation of LonWorks products de-
signed to greatly increase the power and capability of LON-
WORKS enabled devices, while lowering development and
node costs.
The FT 5000 Smart Transceiver integrates a
high-performance Neuron® Core with a free topology twisted-pair trans-
ceiver. Combined with the new low-cost FT-X3 Communications Trans-
former and inexpensive serial memory, the FT 5000 Smart Transceiver
provides a lower-cost, higher-performance LONWORKS solution than
previous-generation FT Smart Transceivers.
Features
FT 5000 Smart Transceiver
FT-X3 Communications Transformer
Troubleshoot Your Network with Ease
www.echelon.com
®
• 3.3V operation.
• Higher-performance Neuron® Core —internal system clock scales up
to 80MHz.
• Substantial device price reduction.
• Serial memory interface for
inexpensive external EEPROM
and flash non-volatile memories.
• Supports up to 254 Network
Variables (NVs) and 127 aliases.
• Low-cost surface mount FT-X3
Communications Transformer.
• User-programmable interrupts provide faster response time to external events.
• Includes hardware UART with 16-byte receive and transmit FIFOs.
• 7 mm x 7 mm 48-pin QFN package.
• Supports polarity-insensitive free topology star, daisy chain, bus, loop,
or mixed topology wiring.


Similar Part No. - FT5000

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FT500A POWEREX-FT500A Datasheet
222Kb / 6P
Phase Control SCR 400 Amperes Avg 800-2500 Volts
FT500A-16 POWEREX-FT500A-16 Datasheet
222Kb / 6P
Phase Control SCR 400 Amperes Avg 800-2500 Volts
FT500A-20 POWEREX-FT500A-20 Datasheet
222Kb / 6P
Phase Control SCR 400 Amperes Avg 800-2500 Volts
FT500A-24 POWEREX-FT500A-24 Datasheet
222Kb / 6P
Phase Control SCR 400 Amperes Avg 800-2500 Volts
FT500A-28 POWEREX-FT500A-28 Datasheet
222Kb / 6P
Phase Control SCR 400 Amperes Avg 800-2500 Volts
More results

Similar Description - FT5000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WP-RF-RF600T ETC-WP-RF-RF600T Datasheet
932Kb / 14P
Smart Com Radio Transceiver IC
XE900S ETC1-XE900S Datasheet
70Kb / 16P
Smart Spread Spectrum Transceiver
logo
ATMEL Corporation
ATA5423_0601 ATMEL-ATA5423_0601 Datasheet
182Kb / 2P
SMART RF INTEGRATED WIRELESS DATA TRANSCEIVER
logo
rfsolutions.ltd
RF600T RFSOLUTIONS-RF600T Datasheet
640Kb / 13P
Smart Com Radio Transceiver IC
RF650 RFSOLUTIONS-RF650 Datasheet
365Kb / 11P
SMART RADIO TRANSCEIVER
logo
Alcoa international inc...
99-5000 ALCOA-99-5000 Datasheet
151Kb / 2P
99-5000
logo
Molex Electronics Ltd.
86065-5000 MOLEX-86065-5000 Datasheet
107Kb / 4P
86065-5000
logo
Winchester Electronics ...
KTK-14 WINCHESTER-KTK-14 Datasheet
127Kb / 1P
KTH-5000 SERIES
KTK-15 WINCHESTER-KTK-15 Datasheet
127Kb / 1P
KTH-5000 SERIES
logo
List of Unclassifed Man...
NEURON5000 ETC2-NEURON5000 Datasheet
3Mb / 8P
Neuron짰 5000 Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com