Electronic Components Datasheet Search
  English  ▼

X  

FT5000 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FT5000
Description  FT 5000 Smart Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT5000 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FT5000 Datasheet HTML 1Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 2Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 4Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 5Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 6Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 7Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 8Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Pin
Name
Pin
Type
Description
CS0~
40
Digital I/O
SPI slave
select 0 (CS0~,
active low) (for
external memory
connection only)
VDD3V3
41
Power
3.3 V Power
VDD3V3
42
Power
3.3 V Power
SDA_CS1~
43
Digital I/O
I2C: serial data (SDA)
SPI: slave
select 1 (CS1~,
active low) (for
external memory
connection only)
VDD1V8
44
Power
1.8 V Power Input
(from internal
voltage regulator)
SCL
45
Digital I/O
I2C: serial
clock (SCL) (for
external memory
connection only)
MISO
46
Digital I/O
SPI master input,
slave output
(MISO) (for
external memory
connection only)
SCK
47
Digital I/O
SPI serial clock
(SCK) (for
external memory
connection only)
MOSI
48
Digital I/O
SPI master
output, slave
input (MOSI) (for
external memory
connection only)
PAD
49
Ground
Pad
Ground
Table 2: FT 5000 Smart Transceiver Pin
Description
Electrical Characteristics
FT 5000 Smart Transceiver
Operating Conditions
Param-
eter1
Description Minimum Typical Maximum
V
DD3
Supply
voltage
3.00 V
3.3 V
3.60 V
V
LVI
Low-voltage
indicator trip
point
2.70 V
2.96 V
T
A
Ambient
temperature -40° C
+85° C
f
XIN
XIN clock
frequency2
-
10,0000
MHz
-
Pin
Name
Pin
Type
Description
IO10
14
Digital
I/O
IO10 for I/O
Objects
IO11
15
Digital I/O IO11 for I/O
Objects
VDD1V8
16
Power
1.8 V Power Input
(from internal
voltage regulator)
TRST~
17
Digital
Input
JTAG Test Reset
(active low)
VDD3V3
18
Power
3.3 V Power
TCK
19
Digital
Input
JTAG Test Clock
TMS
20
Digital
Input
JTAG Test
Mode Select
TDI
21
Digital
Input
JTAG Test
Data In
TDO
22
Digital
Output
JTAG Test
Data Out
XIN
23
Oscillator
In
Crystal oscillator
Input
XOUT
24
Oscillator
Out
Crystal oscillator
Output
VDDPLL
25
Power
1.8 V Power Input
(from internal
voltage regulator)
GNDPLL
26
Power
Ground
VOUT1V8
27
Power
1.8 V Power
Output (of internal
voltage regulator)
RST~
28
Digital I/O Reset (active low)
VIN3V3
29
Power
3.3 V input to
internal voltage
regulator
VDD3V3
30
Power
3.3 V Power
AVDD3V3
31
Power
3.3 V Power
NETN
32
Communi-
cations
Network Port
(polarity
insensitive)
AGND
33
Ground
Ground
NETP
34
Communi-
cations
Network Port
(polarity
insensitive)
NC
35
N/A
Do Not Connect
GND
36
Ground
Ground
TXON
37
Digital I/O
TxActive for
optional network
activity LED
RXON
38
Digital I/O
RxActive for
optional network
activity LED
CP4
39
N/A
Connect to VDD33
through a 4.99
kΩ pullup resistor
Param-
eter1
Description Minimum Typical Maximum
I
DD3-RX
Current
consumption
in receive
mode3
5MHz
10MHz
20MHz
40MHz
80MHz
9 mA
9 mA
15 mA
23 mA
38 mA
15 mA
15 mA
23 mA
33 mA
52 mA
I
DD3-TX
Current
consumption
in transmit
mode3,4
I
DD3-RX +
15 mA
I
DD3-RX
+ 18mA
Table 3: FT 5000 Smart Transceiver Operating
Conditions
Notes
1. All parameters assume nominal supply
voltage (V
DD3 = 3.3 V ± 0.3 V) and
operating temperature (T
A between -40ºC
and +85ºC), unless otherwise noted.
2. See
Clock Requirements in the Series
5000 Chip Data Book for more detailed
information about the XIN clock frequency.
3. Assumes no load on digital I/O pins, and
that the I/O lines are not switching.
4. Current consumption in Transmit mode
represents a peak value rather than a
continuous usage value because a Series
5000 device does not typically transmit
data continuously.
Digital Pin Characteristics
The digital I/O pins (IO0–IO11) have
LVTTL-level inputs. Pins IO0–IO7 also
have low-level-detect latches. The RST~ and
SVC~ pins have internal pull-ups,
and the RST~ pin has hysteresis.
Table 4 below lists the characteristics
of the digital I/O pins, which include IO0–
IO11 and the other digital pins
listed in Table 2.
Param-
eter1
Description
Mini-
mum
Typical
Maxi-
mum
V
OH
Output drive
high at I
OH =
8 mA
2.4 V
V
DD3
V
OL
Output drive
low at I
OL = 8
mA
GND
0.4 V
V
IH
Input high
level
2.0 V
5.5 V
V
IL
Input low
level
GND
0.8 V
www.echelon.com
®



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com