Electronic Components Datasheet Search
  English  ▼

X  

FT5000 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # FT5000
Description  FT 5000 Smart Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT5000 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  FT5000 Datasheet HTML 1Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 2Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 4Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 5Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 6Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 7Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 8Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
www.echelon.com
®
Specifications
Data Communications Type
Differential Manchester encoding.
Network Polarity
Polarity insensitive.
Isolation between Network and
FT 5000 IC
0-60Hz, 60 seconds: 1,000Vrms; 0-60Hz,
continuous: 277Vrms1.
EMI
Designed to comply with FCC Part 15
Subpart B and
EN55022 Level B.
ESD
Designed to comply with EN 61000-4-2,
Level 4.
Radiated Electromagnetic Susceptibility
Designed to comply with EN 61000-4-3,
Level 3.
Fast Transient/Burst Immunity
Designed to comply with EN 61000-4-4,
Level 4.
Surge Immunity
Designed to comply with EN 61000-4-5,
Level 3.
Conducted RF Immunity
Designed to comply with EN 61000-4-6,
Level 3.
Transmission Speed
78 kilobits per second.
Number of Transceivers per Segment
Up to 64.
Network Wiring
24 to 16AWG twisted pair; see
Series 5000
Chip Data Book or Junction Box and
Wiring Guidelines engineering bulletin for
qualified cable types.
Network Length in Free Topology2
500m (1,640 feet) maximum total
wire with no repeaters.
500m (1,640 feet) maximum device-to-
device distance.
Network Length in Doubly-terminated
Bus Topology2
2700m (8,850 feet) with no repeaters.
Maximum Stub Length in Doubly-termi-
nated Bus Topology
3m (9.8 fe
Network Termination
One terminator in free topology; two
terminators in bus topology
(more details in Series 5000 Chip Data
Book).
Power-down Network Protection
High impedance when unpowered.
Operating Temperature
-40 to 85 °C
Operating Humidity
25-90% RH @50 °C, non-condensing
(FT-X3 Communications Transformer).
Non-operating Humidity
95% RH @ 50 °C, non-condensing
(FT-X3 Communications Transformer).
Vibration
1.5g peak-to-peak, 8Hz-2kHz
(FT-X3 Communications Transformer).
Mechanical Shock
100g (peak)
(FT-X3 Communications Transformer).
Reflow Soldering Temperature Profile
Refer to Joint Industry Standard document
IPC/JEDEC J-STD-020D.1 (March 2008).
Peak Reflow Soldering Temperature
260°C (FT 5000 Smart Transceiver).
245°C (FT-X3 Communications
Transformer).
Co-planarity
0.12 mm (FT-X3 Communications
Transformer).
Mass
6g (FT-X3 Communications Transformer).
Notes
1. Safety agency hazardous voltage
barrier requirements are not supported.
2. Network segment length varies,
depending on wire type. See Junction
Box and Wiring Guidelines engineering
bulletin for detailed specifications.
Ordering Information
FT 5000 Smart Transceiver
14235R-2000
14235R-500
FT-X3 Communications Transformer
14255R-100
© 2014 Echelon, LonWorks, and the Echelon logo are trademarks of Echelon Corporation registered in the United States and other
countries.IzoT is a trademark of Echelon Corporation. Content subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com