Electronic Components Datasheet Search
  English  ▼

X  

FT5000 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FT5000
Description  FT 5000 Smart Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT5000 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FT5000 Datasheet HTML 1Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 2Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 4Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 5Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 6Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 7Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 8Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
communications transformer (the FT-X3).
The transformer enables operation in the
presence of high frequency common-mode
noise on unshielded twisted-pair networks.
Properly designed devices can meet
the rigorous Level 3 requirements of EN
61000-4-6 without the need for a network
isolation choke. The transformer also offers
outstanding immunity from magnetic
noise, eliminating the need for protective
magnetic shields in most applications.
The FT 5000 Smart Transceiver and
the FT-X3 Communications Transformer
are designed to be used as a pair, and
therefore must be implemented together in
all designs. No transformer other than
the FT-X3 (or FT-X1 or FT-X2)
communications transformer may be used
with the FT 5000 Smart Transceiver or the
smart transceiver warranty will be void.
Migration Considerations
Most device designs that use the
previous-generation FT 3120/3150 Smart
Transceiver can transition to the FT 5000
Smart Transceiver. However, because
the two generations have different
supply voltage and memory architecture,
hardware redesign of the boards is
required to transition to the
FT 5000 Smart Transceiver.
See the
Series 5000 Chip Data Book
for more information about migrating
device designs for FT 3120/3150
Smart Transceivers to the FT 5000
Smart Transceiver.
End-to-End Solutions
A typical FT 5000 Smart Transceiver-
based device requires a power source,
crystal, external memory, and an I/O
interface to the device being controlled
(see Figure 7 for a typical FT 5000 Smart
Transceiver-based device).
Crystal
(10 MHz)
Power Source
Serial EEPROM
(2KB or larger)
I/O
LONWORKS TP/FT-10 Channel
FT 5000
Smart Transceiver
FT-X3
Communication
Transformer
Sense or Control
Devices: Motors,
Valves, Lights, Relays,
Switches, Controllers
Serial SPI
Flash (optional)
Figure 7: Typical LonWorks based Device
Echelon provides all of the building blocks
required to successfully design and field cost-
effective, robust products based on the FT
5000 Smart Transceivers. Our end-
Figure 8: FT 5000 Smart Transceiver Pinout
to-end solutions include a comprehensive
set of development tools, network
interfaces, routers, and network tools. In
addition, pre-production design review
services, training, and worldwide technical
support (including onsite support) are
available through Echelon’s Support
technical assistance program.
FT 5000 Smart Transceiver
IC Pin Configuration
FT 5000 Smart Transceiver
IC Pin Descriptions
All digital inputs are low-voltage transistor-
transistor logic (LVTTL) compatible, low
leakage, 5V-tolerant. All digital outputs are
slew-rate limited to reduce Electromagnetic
Interference (EMI).
Pin
Name
Pin
Type
Description
SVC~
1
Digital I/O Service
(active low)
IO0
2
Digital I/O IO0 for I/O Objects
IO1
3
Digital I/O IO1 for I/O Objects
IO2
4
Digital I/O IO2 for I/O Objects
IO3
5
Digital I/O IO3 for I/O Objects
VDD1V8
6
Power
1.8 V Power Input
(from internal
voltage regulator)
IO4
7
Digital I/O IO4 for I/O Objects
VDD3V3
8
Power
3.3 V Power
IO5
9
Digital I/O IO5 for I/O Objects
IO6
10
Digital I/O IO6 for I/O Objects
IO7
11
Digital I/O IO7 for I/O Objects
IO8
12
Digital
I/O
IO8 for I/O
Objects
IO9
13
Digital
I/O
IO9 for I/O
Objects
the area shadowed from external
NVM into the RAM.
• On-chip RAM for stack segments
and RAMNEAR data.
• Mandatory external EEPROM that
holds configuration data and non-
volatile application variables.
• Reserved space for system use.
If a 64KB external serial EEPROM or flash
device is used, the maximum allowed size
of application code is 42KB as defined by
extended NVM area in the memory map.
An additional 16KB of the remaining space
can hold an external system firmware
image, in case a future firmware upgrade is
required.
Reserved
Mandatory EEPROM
On-Chip RAM
Extended Memory
(Configurable as:
Extended RAM
or
Non-volatile memory)
On-Chip ROM
0x0000 to 0x3FFF
0x4000 to 0xE7FF
0xE800 to 0xEFFF
0xF000 to 0xF7FF
0xF800 to 0xFFFF
2 KB
2 KB
2 KB
42 KB
16 KB
Figure 6: FT 5000 Smart Transceiver Memory
Map
Programming memory devices. Because
the FT 5000 Smart Transceiver does not
have any on-chip user-accessible NVM,
only the external serial EEPROM or flash
devices need to be programmed with the
application and configuration data. The
memory devices can be programmed in
any of the following ways:
• In-circuit programming on the
board.
• Over the network.
• Pre-programming before soldering
on the board.
Noise Immunity
A LonWorks device based on the FT
5000 Smart Transceiver is composed
of two components: the FT 5000
Smart Transceiver and an external
FT 5000
Smart Transceiver
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
GND
NC
NETP
AGND
NETN
AVDD3V3
VDD3V3
VIN3V3
RST~
VOUT1V8
GNDPLL
VDDPLL
GND PAD
Dashed line represents Pad (pin 49)
Pad must be connected to GND
SVC~
IO0
IO1
IO2
IO3
VDD1V8
IO4
VDD3V3
IO5
IO6
IO7
IO8
www.echelon.com
®



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com