Electronic Components Datasheet Search
  English  ▼

X  

FT5000 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FT5000
Description  FT 5000 Smart Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT5000 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  FT5000 Datasheet HTML 1Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 2Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 4Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 5Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 6Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 7Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 8Page - List of Unclassifed Manufacturers FT5000 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Param-
eter1
Description
Mini-
mum
Typical
Maxi-
mum
V
HYS
Input
hysteresis for
RST~ pin
300
mV
I
IN
Input leakage
current
-
10 µA
R
PU
Pullup
resistance2
13 kΩ
23 kΩ
I
PU
Pullup current
when pin at
0 V2
130
µA
275
µA
Table 4: FT 5000 Smart Transceiver
Digital Pin Characteristics
Notes
1. All parameters assume nominal supply
voltage (V
DD3 = 3.3 V ± 0.3 V) and
operating temperature (T
A between -40ºC
and +85ºC), unless otherwise noted.
2. Applies to RST~ and SVC~ pins only.
Recommended FT 5000
Smart Transceiver Pad Layout
Figure 9: FT 5000 Smart Transceiver Pad Layout
Smart Transceiver
IC Mechanical Specification
www.echelon.com
®
Figure 10: FT 5000 Smart Transceiver IC
Mechanical Specifications
Notes
1. All dimensions are in millimeters.
2. Dimensions and tolerances conform to
ASME Y14.5M.-1994.
3. Package warpage max. 0.08 mm.
4. Package corners unless otherwise
specified
are R0.175±0.025 mm.
FT-X3 Communications Transformer
Pin Descriptions
Figure 11: FT-X3 Communications Transformer
Pinout Diagram
Pin Name Pin Number
Description
NETP
1
NETP connection from
FT 5000 Smart
Transceiver
CTP1
2
Center tap primary 1
CTS2
3
Center tap secondary 2
Pin Name Pin Number
Description
NETA
4
NETA connection to
LonWorks network
CTP2
5
Center tap primary 2
NETN
6
NETN connection from
FT 5000 Smart
Transceiver
NETB
7
NETB connection to
LonWorks network
CTS1
8
Center tap secondary 1
Table 5: FT-X3 Communications Transformer
Pin Assignments
Figure 12: FT-X3 Communications Transformer
Electrical Connection Schematic (winding
connections are made on the PCB)
Recommended FT-X3 Com-
munications Transformer
Pad Layout
The FT-X3 Communications Transformer
is rotationally symmetric. Hence, the
transformer package does not have a
marking for Pin 1.
Figure 13: FT-X3 Transformer SMT Layout
Pad Pattern



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com