Electronic Components Datasheet Search
  English  ▼

X  

CC3200 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # CC3200
Description  CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3200 Datasheet(HTML) 39 Page - Texas Instruments

Back Button CC3200 Datasheet HTML 35Page - Texas Instruments CC3200 Datasheet HTML 36Page - Texas Instruments CC3200 Datasheet HTML 37Page - Texas Instruments CC3200 Datasheet HTML 38Page - Texas Instruments CC3200 Datasheet HTML 39Page - Texas Instruments CC3200 Datasheet HTML 40Page - Texas Instruments CC3200 Datasheet HTML 41Page - Texas Instruments CC3200 Datasheet HTML 42Page - Texas Instruments CC3200 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
CC3200
www.ti.com
SWAS032F – JULY 2013 – REVISED FEBRUARY 2015
Table 4-5. External Fref Clock Requirements (–40°C to +85°C) (continued)
Characteristics
Condition
Sym
Min
Typ
Max
Unit
Phase noise @ 40 MHz
@ 1 kHz
–125
dBc/Hz
@ 10 kHz
–138.5
dBc/Hz
@ 100 kHz
–143
dBc/Hz
Input impedance
Resistance
12
K
Ω
Capacitance
7
pF
4.11.3.5 Input Clocks/Oscillators
Table 4-6 lists the RTC crystal requirements.
Table 4-6. RTC Crystal Requirements
CHARACTERISTICS
CONDITION
SYM
MIN
TYP
MAX
UNIT
Frequency
32.768
kHz
Frequency accuracy
Initial + temp + aging
±150
ppm
Crystal ESR
32.768 kHz, C1 = C2 = 10 pF
70
k
Ω
Table 4-7 lists the external RTC digital clock requirements.
Table 4-7. External RTC Digital Clock Requirements
CHARACTERISTICS
CONDITION
SYM
MIN
TYP
MAX
UNIT
Frequency
32768
Hz
Frequency accuracy
±150
ppm
(Initial + temp + aging)
Input transition time tr/tf (10% to 90%)
tr/tf
100
ns
Frequency input duty cycle
20
50
80
%
Slow clock input voltage limits
Square wave, DC coupled
Vih
0.65 × VIO
VIO
V
Vil
0
0.35 × VIO
V peak
Input impedance
1
M
Ω
5
pF
Table 4-8 lists the WLAN fast-clock crystal requirements.
Table 4-8. WLAN Fast-Clock Crystal Requirements
CHARACTERISTICS
CONDITION
SYM
MIN
TYP
MAX
UNIT
Frequency
40
MHz
Frequency accuracy
Initial + temp + aging
±25
ppm
Crystal ESR
40 MHz, C1 = C2 = 6.2 pF
40
50
60
Ohm
4.11.3.6 WLAN Filter Requirements
The device requires an external bandpass filter to meet the various emission standards, including FCC. Table 4-
9 presents the attenuation requirements for the bandpass filter. TI recommends using the same filter used in the
reference design to ease the process of certification.
Table 4-9. WLAN Filter Requirements
Requirements
Parameter
Frequency (MHz)
Min
Typ
Max
Units
Return loss
2412 to 2484
10
dB
Copyright © 2013–2015, Texas Instruments Incorporated
Specifications
39
Submit Documentation Feedback
Product Folder Links: CC3200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com