Electronic Components Datasheet Search
  English  ▼

X  

CC3200 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CC3200
Description  CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3200 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC3200 Datasheet HTML 9Page - Texas Instruments CC3200 Datasheet HTML 10Page - Texas Instruments CC3200 Datasheet HTML 11Page - Texas Instruments CC3200 Datasheet HTML 12Page - Texas Instruments CC3200 Datasheet HTML 13Page - Texas Instruments CC3200 Datasheet HTML 14Page - Texas Instruments CC3200 Datasheet HTML 15Page - Texas Instruments CC3200 Datasheet HTML 16Page - Texas Instruments CC3200 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
CC3200
www.ti.com
SWAS032F – JULY 2013 – REVISED FEBRUARY 2015
Table 3-1. Pin Multiplexing (continued)
General Pin Attributes
Function
Pad States
Pkg Pin
Pin Alias
Use
Select as
Config
Muxed
Dig. Pin Mux Config
Dig. Pin
Signal Name
Signal
Signal
LPDS(1)
Hib(2)
nRESET = 0
Wakeup
Addl
with
Reg
Mux
Description
Direction
Source
Analog
JTAG
Config
Mux
Mode
Value
General-Purpose
0
GPIO25
O
Hi-Z
I/O
9
GT_PWM02
Pulse Width
O
Hi-Z
Modulated O/P
GPIO_PAD_CONFIG_
2
McAFSX
I2S Audio Port
O
Hi-Z
Driven
21(4)(5)
SOP2
O Only
No
No
No
25
Frame Sync
Hi-Z
Low
(0x4402 E104)
See (6)
TCXO_EN
Enable to
O
O
Optional External
40-MHz TCXO
See (7)
SOP2
Sense-On-Power
I
2
40-MHz XTAL
WLAN_XTAL
WLAN
WLAN_XTAL_
22
N/A
N/A
N/A
N/A
See (6)
Pulldown if ext
_N
Ana.
N
TCXO is used.
WLAN_XTAL
WLAN
WLAN_XTAL_
40-MHz XTAL or
23
N/A
N/A
N/A
N/A
_P
Ana.
P
TCXO clock input
Internal analog
24
VDD_PLL
Int. Pwr
N/A
N/A
N/A
N/A
VDD_PLL
voltage
Analog RF
25
LDO_IN2
Int. Pwr
N/A
N/A
N/A
N/A
LDO_IN2
supply from ANA
DC-DC output
WLAN
26
NC
N/A
N/A
N/A
N/A
NC
Reserved
Ana.
WLAN
27
NC
N/A
N/A
N/A
N/A
NC
Reserved
Ana.
WLAN
28
NC
N/A
N/A
N/A
N/A
NC
Reserved
Ana.
User
GPIO_PAD_CONFIG_
config not
Antenna
29(8)
ANTSEL1
O Only
No
No
26
0
ANTSEL1(3)
O
Hi-Z
Hi-Z
Hi-Z
required
Selection Control
(0x4402 E108)
(9)
User
GPIO_PAD_CONFIG_
config not
Antenna
30(8)
ANTSEL2
O Only
No
No
27
0
ANTSEL2(3)
O
Hi-Z
Hi-Z
Hi-Z
required
Selection Control
(0x4402 E10C)
(9)
WLAN
31
RF_BG
N/A
N/A
N/A
N/A
RF_BG
RF BG band
Ana.
Copyright © 2013–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
13
Submit Documentation Feedback
Product Folder Links: CC3200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com