Electronic Components Datasheet Search
  English  ▼

X  

CC3200 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # CC3200
Description  CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3200 Datasheet(HTML) 16 Page - Texas Instruments

Back Button CC3200 Datasheet HTML 12Page - Texas Instruments CC3200 Datasheet HTML 13Page - Texas Instruments CC3200 Datasheet HTML 14Page - Texas Instruments CC3200 Datasheet HTML 15Page - Texas Instruments CC3200 Datasheet HTML 16Page - Texas Instruments CC3200 Datasheet HTML 17Page - Texas Instruments CC3200 Datasheet HTML 18Page - Texas Instruments CC3200 Datasheet HTML 19Page - Texas Instruments CC3200 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 71 page
background image
CC3200
SWAS032F – JULY 2013 – REVISED FEBRUARY 2015
www.ti.com
Table 3-1. Pin Multiplexing (continued)
General Pin Attributes
Function
Pad States
Pkg Pin
Pin Alias
Use
Select as
Config
Muxed
Dig. Pin Mux Config
Dig. Pin
Signal Name
Signal
Signal
LPDS(1)
Hib(2)
nRESET = 0
Wakeup
Addl
with
Reg
Mux
Description
Direction
Source
Analog
JTAG
Config
Mux
Mode
Value
General-Purpose
0
GPIO0
I/O
Hi-Z
Hi-Z
Hi-Z
I/O
12
UART0_CTS
UART0 Clear To
I
Hi-Z
Hi-Z
Hi-Z
Send Input
(Active Low)
6
McAXR1
I2S Audio Port
I/O
Hi-Z
Data 1 (RX/TX)
7
GT_CCP00
Timer Capture
I
Hi-Z
User
Port
GPIO_PAD_CONFIG_
config not
50
GPIO0
I/O
No
No
0
9
GSPI_CS
General SPI Chip
I/O
Hi-Z
required
(0x4402 E0A0)
Select
(9)
10
UART1_RTS
UART1 Request
O
1
To Send O
(Active Low)
3
UART0_RTS
UART0 Request
O
1
To Send O
(Active Low)
4
McAXR0
I2S Audio Port
I/O
Hi-Z
Data 0 (RX/TX)
Connect 32.768-
kHz XTAL or
RTC_XTAL_
RTC
51
N/A
N/A
N/A
N/A
RTC_XTAL_P
Froce external
P
Clock
CMOS level
clock
16
Terminal Configuration and Functions
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC3200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com