Electronic Components Datasheet Search
  English  ▼

X  

CC3200 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CC3200
Description  CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3200 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC3200 Datasheet HTML 5Page - Texas Instruments CC3200 Datasheet HTML 6Page - Texas Instruments CC3200 Datasheet HTML 7Page - Texas Instruments CC3200 Datasheet HTML 8Page - Texas Instruments CC3200 Datasheet HTML 9Page - Texas Instruments CC3200 Datasheet HTML 10Page - Texas Instruments CC3200 Datasheet HTML 11Page - Texas Instruments CC3200 Datasheet HTML 12Page - Texas Instruments CC3200 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
CC3200
www.ti.com
SWAS032F – JULY 2013 – REVISED FEBRUARY 2015
Table 3-1. Pin Multiplexing (continued)
General Pin Attributes
Function
Pad States
Pkg Pin
Pin Alias
Use
Select as
Config
Muxed
Dig. Pin Mux Config
Dig. Pin
Signal Name
Signal
Signal
LPDS(1)
Hib(2)
nRESET = 0
Wakeup
Addl
with
Reg
Mux
Description
Direction
Source
Analog
JTAG
Config
Mux
Mode
Value
General Purpose
0
GPIO12
I/O
Hi-Z
I/O
3
McACLK
I2S Audio Port
O
Hi-Z
Clock O
4
pVS (VSYNC)
Parallel Camera
I
Hi-Z
GPIO_PAD_CONFIG_
Vertical Sync
3
GPIO12
I/O
No
No
No
12
Hi-Z
Hi-Z
5
I2C_SCL
I2C Clock
I/O
Hi-Z
(0x4402 E0D0)
(Open
Drain)
7
UART0_TX
UART0 TX Data
O
1
12
GT_CCP03
Timer Capture
I
Hi-Z
Port
General-Purpose
0
GPIO13
I/O
I/O
5
I2C_SDA
I2C Data
I/O
(Open
GPIO_PAD_CONFIG_
Drain)
4
GPIO13
I/O
Yes
No
No
13
Hi-Z
Hi-Z
Hi-Z
4
pHS (HSYNC)
Parallel Camera
I
(0x4402 E0D4)
Horizontal Sync
7
UART0_RX
UART0 RX Data
I
12
GT_CCP04
Timer Capture
I
Port
General-Purpose
0
GPIO14
I/O
I/O
5
I2C_SCL
I2C Clock
I/O
(Open
Drain)
GPIO_PAD_CONFIG_
5
GPIO14
I/O
No
No
14
7
GSPI_CLK
General SPI
I/O
Hi-Z
Hi-Z
Hi-Z
(0x4402 E0D8)
Clock
4
pDATA8
Parallel Camera
I
(CAM_D4)
Data Bit 4
12
GT_CCP05
Timer Capture
I
Port
Copyright © 2013–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
9
Submit Documentation Feedback
Product Folder Links: CC3200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com