Electronic Components Datasheet Search
  English  ▼

X  

CC3200 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # CC3200
Description  CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3200 Datasheet(HTML) 49 Page - Texas Instruments

Back Button CC3200 Datasheet HTML 45Page - Texas Instruments CC3200 Datasheet HTML 46Page - Texas Instruments CC3200 Datasheet HTML 47Page - Texas Instruments CC3200 Datasheet HTML 48Page - Texas Instruments CC3200 Datasheet HTML 49Page - Texas Instruments CC3200 Datasheet HTML 50Page - Texas Instruments CC3200 Datasheet HTML 51Page - Texas Instruments CC3200 Datasheet HTML 52Page - Texas Instruments CC3200 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
Data Files
Encrypted
Network
Certificates
Application
Image
Application
Code
Boot loader
Network
Processor
CC3200
Application
Data
Serial Flash
128bit
KEK
SWAS032-030
CC3200
www.ti.com
SWAS032F – JULY 2013 – REVISED FEBRUARY 2015
•
Nested vectored interrupt controller (NVIC) closely integrated with the processor core to achieve low
latency interrupt processing. Features include:
–
Bits of priority configurable from 3 to 8
–
Dynamic reprioritization of interrupts
–
Priority grouping that enables selection of preempting interrupt levels and nonpreempting interrupt
levels
–
Support for tail-chaining and late arrival of interrupts, which enables back-to-back interrupt
processing without the overhead of state saving and restoration between interrupts
–
Processor state automatically saved on interrupt entry and restored on interrupt exit with no
instruction overhead
–
Wake-up interrupt controller (WIC) providing ultra-low power sleep mode support
•
Bus interfaces:
–
Three advanced high-performance bus (AHB-Lite) interfaces: ICode, DCode, and system bus
interfaces
–
Bit-band support for memory and select peripheral that includes atomic bit-band write and read
operations
•
Low-cost debug solution featuring:
–
Debug access to all memory and registers in the system, including access to memory-mapped
devices, access to internal core registers when the core is halted, and access to debug control
registers even while SYSRESETn is asserted
–
Serial wire debug port (SW-DP) or serial wire JTAG debug port (SWJ-DP) debug access
–
Flash patch and breakpoint (FPB) unit to implement breakpoints and code patches
5.4
CC3200 Device Encryption
Figure 5-2 shows a standard MCU for the CC3200 device. Application image and user data files are not
encrypted. Network certificates are encrypted using a device-specific key.
Figure 5-2. CC3200 Standard MCU
Copyright © 2013–2015, Texas Instruments Incorporated
Detailed Description
49
Submit Documentation Feedback
Product Folder Links: CC3200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com