Electronic Components Datasheet Search
  English  ▼

X  

CC3200 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CC3200
Description  CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3200 Datasheet(HTML) 1 Page - Texas Instruments

  CC3200 Datasheet HTML 1Page - Texas Instruments CC3200 Datasheet HTML 2Page - Texas Instruments CC3200 Datasheet HTML 3Page - Texas Instruments CC3200 Datasheet HTML 4Page - Texas Instruments CC3200 Datasheet HTML 5Page - Texas Instruments CC3200 Datasheet HTML 6Page - Texas Instruments CC3200 Datasheet HTML 7Page - Texas Instruments CC3200 Datasheet HTML 8Page - Texas Instruments CC3200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CC3200
SWAS032F – JULY 2013 – REVISED FEBRUARY 2015
CC3200 SimpleLink™ Wi-Fi® and Internet-of-Things Solution, a Single-Chip Wireless MCU
1
Device Overview
1.1
Features
1
Programming Interfaces (APIs)
• CC3200 SimpleLink Wi-Fi—Consists of
Applications Microcontroller, Wi-Fi Network
•
8 Simultaneous TCP or UDP Sockets
Processor, and Power-Management Subsystems
•
2 Simultaneous TLS and SSL Sockets
• Wi-Fi CERTIFIED™ Chip
– Powerful Crypto Engine for Fast, Secure Wi-Fi
• Applications Microcontroller Subsystem
and Internet Connections with 256-Bit AES
Encryption for TLS and SSL Connections
– ARM® Cortex®-M4 Core at 80 MHz
– Station, AP, and Wi-Fi Direct® Modes
– Embedded Memory
– WPA2 Personal and Enterprise Security
•
RAM (Up to 256KB)
– SimpleLink Connection Manager for
•
External Serial Flash Bootloader, and
Autonomous and Fast Wi-Fi Connections
Peripheral Drivers in ROM
– SmartConfig™ Technology, AP Mode, and
– 32-Channel Direct Memory Access (
μDMA)
WPS2 for Easy and Flexible Wi-Fi Provisioning
– Hardware Crypto Engine for Advanced Fast
– TX Power
Security, Including
•
18.0 dBm @ 1 DSSS
•
AES, DES, and 3DES
•
14.5 dBm @ 54 OFDM
•
SHA2 and MD5
– RX Sensitivity
•
CRC and Checksum
•
–95.7 dBm @ 1 DSSS
– 8-Bit Parallel Camera Interface
•
–74.0 dBm @ 54 OFDM
– 1 Multichannel Audio Serial Port (McASP)
Interface with Support for Two I2S Channels
– Application Throughput
– 1 SD/MMC Interface
•
UDP: 16 Mbps
– 2 Universal Asynchronous Receivers and
•
TCP: 13 Mbps
Transmitters (UARTs)
• Power-Management Subsystem
– 1 Serial Peripheral Interface (SPI)
– Integrated DC-DC Supports a Wide Range of
– 1 Inter-Integrated Circuit (I2C)
Supply Voltage:
– 4 General-Purpose Timers with 16-Bit Pulse-
•
VBAT Wide-Voltage Mode: 2.1 to 3.6 V
Width Modulation (PWM) Mode
•
VIO is Always Tied with VBAT
– 1 Watchdog Timer
•
Preregulated 1.85-V Mode
– 4-Channel 12-Bit Analog-to-Digital Converters
– Advanced Low-Power Modes
(ADCs)
•
Hibernate: 4 µA
– Up to 27 Individually Programmable, Multiplexed
•
Low-Power Deep Sleep (LPDS): 250 µA
GPIO Pins
•
RX Traffic (MCU Active): 59 mA @
• Dedicated External SPI Interface for Serial Flash
54 OFDM
• Wi-Fi Network Processor Subsystem
•
TX Traffic (MCU Active): 229 mA @
– Featuring Wi-Fi Internet-On-a-Chip™
54 OFDM, Maximum Power
– Dedicated ARM MCU
•
Idle Connected (MCU in LPDS):
Completely Offloads Wi-Fi and Internet
825 µA @ DTIM = 1
Protocols from the Application Microcontroller
• Clock Source
– Wi-Fi and Internet Protocols in ROM
– 40.0-MHz Crystal with Internal Oscillator
– 802.11 b/g/n Radio, Baseband, Medium Access
– 32.768-kHz Crystal or External RTC Clock
Control (MAC), Wi-Fi Driver, and Supplicant
• Package and Operating Temperature
– TCP/IP Stack
– 0.5-mm Pitch, 64-Pin, 9-mm × 9-mm QFN
•
Industry-Standard BSD Socket Application
– Ambient Temperature Range: –40°C to 85°C
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CC3200

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
CC3200C-P SOSHIN-CC3200C-P Datasheet
228Kb / 2P
3-phase 3-line 500VAC Available 200-400A For output side only
logo
Texas Instruments
CC3200MOD TI-CC3200MOD Datasheet
2Mb / 66P
CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
CC3200MODR1M2AMOBR TI-CC3200MODR1M2AMOBR Datasheet
2Mb / 66P
CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
CC3200MODR1M2AMOBT TI-CC3200MODR1M2AMOBT Datasheet
2Mb / 66P
CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
CC3200MOD TI-CC3200MOD_15 Datasheet
2Mb / 66P
CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
More results

Similar Description - CC3200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3100 TI-CC3100_15 Datasheet
1Mb / 44P
CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
CC3100MOD TI-CC3100MOD_15 Datasheet
2Mb / 41P
CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
CC3200MOD TI-CC3200MOD_15 Datasheet
2Mb / 66P
CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
CC3120 TI1-CC3120 Datasheet
1Mb / 57P
SimpleLink Wi-Fi Wireless Network Processor Internet-of-Things Solution for MCU Applications
CC3220 TI1-CC3220 Datasheet
2Mb / 84P
SimpleLink Wi-Fi Wireless and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3120MOD TI1-CC3120MOD Datasheet
2Mb / 52P
SimpleLink Wi-Fi CERTIFIED Network Processor Internet-of-Things Module Solution for MCU Applications
CC3220R TI1-CC3220R_18 Datasheet
2Mb / 92P
SimpleLink Wi-Fi Single-Chip Wireless MCU Solutions
logo
List of Unclassifed Man...
MT7697D ETC2-MT7697D Datasheet
1Mb / 84P
Internet-of-Things Wireless Connectivity
logo
Texas Instruments
CC3130 TI-CC3130 Datasheet
2Mb / 75P
CC3130 SimpleLink??Wi-Fi짰 Wireless Network Processor with Coexistence for MCU Applications
CC3230S TI-CC3230S Datasheet
3Mb / 104P
CC3230S and CC3230SF SimpleLink??Wi-Fi짰 2.4GHz Wireless MCU with Coexistence
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com