Electronic Components Datasheet Search
  English  ▼

X  

CC3200 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CC3200
Description  CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3200 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC3200 Datasheet HTML 8Page - Texas Instruments CC3200 Datasheet HTML 9Page - Texas Instruments CC3200 Datasheet HTML 10Page - Texas Instruments CC3200 Datasheet HTML 11Page - Texas Instruments CC3200 Datasheet HTML 12Page - Texas Instruments CC3200 Datasheet HTML 13Page - Texas Instruments CC3200 Datasheet HTML 14Page - Texas Instruments CC3200 Datasheet HTML 15Page - Texas Instruments CC3200 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
CC3200
SWAS032F – JULY 2013 – REVISED FEBRUARY 2015
www.ti.com
Table 3-1. Pin Multiplexing (continued)
General Pin Attributes
Function
Pad States
Pkg Pin
Pin Alias
Use
Select as
Config
Muxed
Dig. Pin Mux Config
Dig. Pin
Signal Name
Signal
Signal
LPDS(1)
Hib(2)
nRESET = 0
Wakeup
Addl
with
Reg
Mux
Description
Direction
Source
Analog
JTAG
Config
Mux
Mode
Value
JTAG TDO.
1
TDO
Reset Default
O
Pinout.
0
GPIO24
General-Purpose
I/O
I/O
5
PWM0
Pulse Width
O
MUXed
Modulated O/P
GPIO_PAD_CONFIG_
Wake-Up
with
17
TDO
I/O
No
24
2
UART1_RX
UART1 RX Data
I
Hi-Z
Hi-Z
Hi-Z
Source
JTAG
(0x4402 E100)
9
I2C_SDA
I2C Data
I/O
TDO
(Open
Drain)
4
GT_CCP06
Timer Capture
I
Port
6
McAFSX
I2S Audio Port
O
Frame Sync
GPIO_PAD_CONFIG_
General-Purpose
18
GPIO28
I/O
No
28
0
GPIO28
I/O
Hi-Z
Hi-Z
Hi-Z
I/O
(0x4402 E110)
JTAG/SWD TCK
MUXed
1
TCK
Reset Default
I
with
Pinout
19
TCK
I/O
No
No
JTAG/S
Hi-Z
Hi-Z
Hi-Z
WD-
8
GT_PWM03
Pulse Width
O
TCK
Modulated O/P
JATG/SWD TMS
MUXed
1
TMS
Reset Default
with
GPIO_PAD_CONFIG_
Pinout
20
TMS
I/O
No
No
JTAG/S
29
I/O
Hi-Z
Hi-Z
Hi-Z
WD-
(0x4402 E114)
0
GPIO29
General-Purpose
TMSC
I/O
12
Terminal Configuration and Functions
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC3200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com