Electronic Components Datasheet Search
  English  ▼

X  

MAX5821 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5821
Description  Dual, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5821 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5821 Datasheet HTML 4Page - Maxim Integrated Products MAX5821 Datasheet HTML 5Page - Maxim Integrated Products MAX5821 Datasheet HTML 6Page - Maxim Integrated Products MAX5821 Datasheet HTML 7Page - Maxim Integrated Products MAX5821 Datasheet HTML 8Page - Maxim Integrated Products MAX5821 Datasheet HTML 9Page - Maxim Integrated Products MAX5821 Datasheet HTML 10Page - Maxim Integrated Products MAX5821 Datasheet HTML 11Page - Maxim Integrated Products MAX5821 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
bus is 8 bits long and is always followed by an
acknowledge clock pulse.
The MAX5821 SDA and SCL drivers are open-drain out-
puts, requiring a pullup resistor to generate a logic high
voltage (see the Typical Operating Circuit ). Series
resistors RS are optional. These series resistors protect
the input stages of the MAX5821 from high-voltage
spikes on the bus lines, and minimize crosstalk and
undershoot of the bus signals.
Bit Transfer
One data bit is transferred during each SCL clock
cycle. The data on SDA must remain stable during the
high period of the SCL clock pulse. Changes in SDA
while SCL is high are control signals (see the START
and STOP Conditions section). Both SDA and SCL idle
high when the I2C bus is not busy.
START and STOP Conditions
When the serial interface is inactive, SDA and SCL idle
high. A master device initiates communication by issu-
ing a START condition. A START condition is a high-to-
low transition on SDA with SCL high. A STOP condition
is a low-to-high transition on SDA, while SCL is high
(Figure 2). A START condition from the master signals
the beginning of a transmission to the MAX5821. The
master terminates transmission by issuing a not
acknowledge followed by a STOP condition (see
Acknowledge Bit (ACK)). The STOP condition frees the
bus. If a repeated START condition (Sr) is generated
instead of a STOP condition, the bus remains active.
When a STOP condition or incorrect address is detect-
ed, the MAX5821 internally disconnects SCL from the
serial interface until the next START condition, minimiz-
ing digital noise and feedthrough.
Early STOP Conditions
The MAX5821 recognizes a STOP condition at any
point during transmission except if a STOP condition
occurs in the same high pulse as a START condition
(Figure 3). This condition is not a legal I2C format; at
least one clock pulse must separate any START and
STOP conditions.
Repeated START Conditions
A repeated START (Sr) condition may indicate a
change of data direction on the bus. Such a change
occurs when a command word is required to initiate a
read operation. Sr may also be used when the bus
master is writing to several I2C devices and does not
want to relinquish control of the bus. The MAX5821 seri-
al interface supports continuous write operations with or
without an Sr condition separating them. Continuous
read operations require Sr conditions because of the
change in direction of data flow.
Dual, 10-Bit, Low-Power, 2-Wire, Serial
Voltage-Output DAC
8
_______________________________________________________________________________________
POWER-DOWN
COMMAND BITS
PD1
PD0
MODE/FUNCTION
00
Power-up device. DAC output
restored to previous value.
01
Power-down mode 0. Power down
device with output floating.
10
Power-down mode 1. Power down
device with output terminated with
1k
Ω to GND.
11
Power-down mode 2. Power down
device with output terminated with
100k
Ω to GND.
Table 1. Power-Down Command Bits
SCL
SDA
STOP
CONDITION
START
CONDITION
REPEATED START CONDITION
START CONDITION
tLOW
tSU, DAT
tSU, STA
tSP
tBUF
tHD, STA
tSU, STO
tF
tHD, STA
tHIGH
tHD, DAT
tR
Figure 1. 2-Wire Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com