Electronic Components Datasheet Search
  English  ▼

X  

MAX5821 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5821
Description  Dual, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5821 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5821 Datasheet HTML 1Page - Maxim Integrated Products MAX5821 Datasheet HTML 2Page - Maxim Integrated Products MAX5821 Datasheet HTML 3Page - Maxim Integrated Products MAX5821 Datasheet HTML 4Page - Maxim Integrated Products MAX5821 Datasheet HTML 5Page - Maxim Integrated Products MAX5821 Datasheet HTML 6Page - Maxim Integrated Products MAX5821 Datasheet HTML 7Page - Maxim Integrated Products MAX5821 Datasheet HTML 8Page - Maxim Integrated Products MAX5821 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Dual, 10-Bit, Low-Power, 2-Wire, Serial
Voltage-Output DAC
4
_______________________________________________________________________________________
INTEGRAL NONLINEARITY
vs. INPUT CODE
INPUT CODE
768
512
256
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
-1.00
0
1024
INTEGRAL NONLINEARITY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.8
4.1
3.4
0.25
0.50
0.75
1.00
1.25
0
2.7
5.5
INTEGRAL NONLINEARITY
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.25
0.50
0.75
1.00
1.25
0
-40
85
DIFFERENTIAL NONLINEARITY
vs. INPUT CODE
INPUT CODE
768
512
256
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
-1.00
0
1024
DIFFERENTIAL NONLINEARITY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.8
4.1
3.4
-0.4
-0.3
-0.2
-0.1
0
-0.5
2.7
5.5
DIFFERENTIAL NONLINEARITY
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-0.4
-0.3
-0.2
-0.1
0
-0.5
-40
85
Typical Operating Characteristics
(VDD = +5V, RL = 5k
Ω, TA = +25°C.)
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.5V, GND = 0, VREF = VDD, RL = 5k
Ω, CL = 200pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are
at VDD = +5V, TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STOP Condition Setup Time
tSU,STO
0.6
µs
Bus Capacitance
Cb
(Note 5)
400
pF
Maximum Duration of
Suppressed Pulse Widths
tSP
050
ns
Note 1: All devices are 100% production tested at TA = +25°C and are guaranteed by design for TA = TMIN to TMAX.
Note 2: Static specifications are tested with the output unloaded.
Note 3: Linearity is guaranteed from codes 115 to 3981.
Note 4: Offset and gain error limit the FSR.
Note 5: Guaranteed by design. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com