Electronic Components Datasheet Search
  English  ▼

X  

MAX5821 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5821
Description  Dual, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5821 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5821 Datasheet HTML 1Page - Maxim Integrated Products MAX5821 Datasheet HTML 2Page - Maxim Integrated Products MAX5821 Datasheet HTML 3Page - Maxim Integrated Products MAX5821 Datasheet HTML 4Page - Maxim Integrated Products MAX5821 Datasheet HTML 5Page - Maxim Integrated Products MAX5821 Datasheet HTML 6Page - Maxim Integrated Products MAX5821 Datasheet HTML 7Page - Maxim Integrated Products MAX5821 Datasheet HTML 8Page - Maxim Integrated Products MAX5821 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Dual, 10-Bit, Low-Power, 2-Wire, Serial
Voltage-Output DAC
_______________________________________________________________________________________
5
ZERO-CODE ERROR
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.8
4.1
3.4
2
4
6
8
10
0
2.7
5.5
NO LOAD
ZERO-CODE ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
2
4
6
8
10
0
-40
85
NO LOAD
GAIN ERROR vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.8
4.1
3.4
-0.4
-0.8
-1.2
-1.6
-2.0
0
2.7
5.5
NO LOAD
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-0.4
-0.8
-1.2
-1.6
-2.0
0
-40
85
NO LOAD
DAC OUTPUT VOLTAGE
vs. OUTPUT SOURCE CURRENT (NOTE 6)
OUTPUT SOURCE CURRENT (mA)
8
6
4
2
1
2
3
4
5
6
0
010
CODE = 3FF hex
DAC OUTPUT VOLTAGE
vs. OUTPUT SINK CURRENT (NOTE 6)
OUTPUT SINK CURRENT (mA)
8
6
4
2
0.5
1.0
1.5
2.0
2.5
0
010
CODE = 100 hex
SUPPLY CURRENT vs. INPUT CODE
INPUT CODE
820
615
410
205
120
140
160
180
100
0
1024
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
120
140
160
180
100
-40
85
NO LOAD
CODE = 3FF hex
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.8
4.1
3.4
120
140
160
180
100
2.7
5.5
CODE = 3FF hex
NO LOAD
Typical Operating Characteristics (continued)
(VDD = +5V, RL = 5k
Ω, TA = +25°C.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com