| Electronic Components Datasheet Search |
|
MAX5821 Datasheet(PDF) 9 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX5821 Datasheet(HTML) 9 Page - Maxim Integrated Products |
|
9 / 13 page ![]() Acknowledge Bit (ACK) The acknowledge bit (ACK) is the ninth bit attached to any 8-bit data word. ACK is always generated by the receiving device. The MAX5821 generates an ACK when receiving an address or data by pulling SDA low during the ninth clock period. When transmitting data, the MAX5821 waits for the receiving device to generate an ACK. Monitoring ACK allows for detection of unsuc- cessful data transfers. An unsuccessful data transfer occurs if a receiving device is busy or if a system fault has occurred. In the event of an unsuccessful data transfer, the bus master should reattempt communica- tion at a later time. Slave Address A bus master initiates communication with a slave device by issuing a START condition followed by the 7- bit slave address (Figure 4). When idle, the MAX5821 waits for a START condition followed by its slave address. The serial interface compares each address value bit-by-bit, allowing the interface to power down immediately if an incorrect address is detected. The LSB of the address word is the Read/Write (R/W) bit. R/W indicates whether the master is writing to or read- ing from the MAX5821 (R/W = 0 selects the write condi- tion, R/W = 1 selects the read condition). After receiving the proper address, the MAX5821 issues an ACK by pulling SDA low for one clock cycle. The MAX5821 has four different factory/user-pro- grammed addresses (Table 2). Address bits A6 through A1 are preset, while A0 is controlled by ADD. Connecting ADD to GND sets A0 = 0. Connecting ADD to VDD sets A0 = 1. This feature allows up to four MAX5821s to share the same bus. Write Data Format In write mode (R/W = 0), data that follows the address byte controls the MAX5821 (Figure 5). Bits C3–C0 con- figure the MAX5821 (Table 3). Bits D9–D0 are DAC data. Bits S0 and S1 are sub-bits and are always 0. Input and DAC registers update on the falling edge of SCL during the acknowledge bit. Should the write cycle be prematurely aborted, data is not updated and the write cycle must be repeated. Figure 6 shows two example-write data sequences. Extended Command Mode The MAX5821 features an extended command mode that is accessed by setting C3–C0 = 1 and D9–D6 = 0. Dual, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC _______________________________________________________________________________________ 9 SCL SDA SSr P Figure 2. START and STOP Conditions SCL SDA STOP START SCL SDA ILLEGAL STOP START ILLEGAL EARLY STOP CONDITION LEGAL STOP CONDITION Figure 3. Early STOP conditions S A6A5A4A3A2A1A0 R/W Figure 4. Slave Address Byte Definition C3 C2 C1 C0 D9 D8 D7 D6 Figure 5. Command Byte Definition PART VADD DEVICE ADDRESS (A6...A0) MAX5821L GND 0111 000 MAX5821L VDD 0111 001 MAX5821M GND 1011 000 MAX5821M VDD 1011 001 Table 2. MAX5821 I2C Slave Addresses |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |