Electronic Components Datasheet Search
  English  ▼

X  

MAX5821 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5821
Description  Dual, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5821 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5821 Datasheet HTML 2Page - Maxim Integrated Products MAX5821 Datasheet HTML 3Page - Maxim Integrated Products MAX5821 Datasheet HTML 4Page - Maxim Integrated Products MAX5821 Datasheet HTML 5Page - Maxim Integrated Products MAX5821 Datasheet HTML 6Page - Maxim Integrated Products MAX5821 Datasheet HTML 7Page - Maxim Integrated Products MAX5821 Datasheet HTML 8Page - Maxim Integrated Products MAX5821 Datasheet HTML 9Page - Maxim Integrated Products MAX5821 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Dual, 10-Bit, Low-Power, 2-Wire, Serial
Voltage-Output DAC
6
_______________________________________________________________________________________
POWER-DOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.8
4.1
3.4
100
200
300
400
500
0
2.7
5.5
TA = +25
°C
TA = -40
°C
TA = +85
°C
ZOUT = HIGH IMPEDANCE
NO LOAD
POWER-UP GLITCH
MAX5821 toc17
100
µs/div
VDD
OUT_
0
5V
10mV/div
EXITING SHUTDOWN
MAX5821 toc18
2
µs/div
OUT_
500mV/div
CLOAD = 200pF
CODE = 200 hex
MAJOR CARRY TRANSITION
(POSITIVE)
MAX5821 toc19
2
µs/div
OUT_
5mV/div
CLOAD = 200pF
RL = 5k
Ω
CODE = 1FF hex TO 200 hex
MAJOR CARRY TRANSITION
(NEGATIVE)
MAX5821 toc20
2
µs/div
OUT_
5mV/div
CLOAD = 200pF
RL = 5k
Ω
CODE = 200 hex TO 1FF hex
SETTLING TIME
(POSITIVE)
MAX5821 toc21
2
µs/div
OUT_
500mV/div
CLOAD = 200pF
CODE = 100 hex TO 300 hex
SETTLING TIME
(NEGATIVE)
MAX5821 toc22
2
µs/div
OUT_
500mV/div
CLOAD = 200pF
CODE = 300 hex TO 100 hex
DIGITAL FEEDTHROUGH
MAX5821 toc23
40
µs/div
OUT_
2mV/div
CLOAD = 200pF
fSCL = 12kHz
CODE = 000 hex
SCL
2V/div
CROSSTALK
MAX5821 toc24
4
µs/div
VOUTB
1mV/div
VOUTA
2V/div
Typical Operating Characteristics (continued)
(VDD = +5V, RL = 5k
Ω, TA = +25°C.)
Note 6: The ability to drive loads greater than 5k
Ω is not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com