Electronic Components Datasheet Search
  English  ▼

X  

MAX5821 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5821
Description  Dual, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5821 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5821 Datasheet HTML 1Page - Maxim Integrated Products MAX5821 Datasheet HTML 2Page - Maxim Integrated Products MAX5821 Datasheet HTML 3Page - Maxim Integrated Products MAX5821 Datasheet HTML 4Page - Maxim Integrated Products MAX5821 Datasheet HTML 5Page - Maxim Integrated Products MAX5821 Datasheet HTML 6Page - Maxim Integrated Products MAX5821 Datasheet HTML 7Page - Maxim Integrated Products MAX5821 Datasheet HTML 8Page - Maxim Integrated Products MAX5821 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX5821 is a dual, 10-bit voltage-output, digital-to-
analog converter (DAC) with an I2C™-compatible,
2-wire interface that operates at clock rates up to
400kHz. The device operates from a single 2.7V to 5.5V
supply 115µA at VDD = 3.6V. A power-down mode
decreases current consumption to less than 1µA. The
MAX5821 features three software-selectable power-
down output impedances: 100k
Ω, 1kΩ, and high
impedance. Other features include internal precision
Rail-to-Rail® output buffers and a power-on reset (POR)
circuit that powers up the DAC in the 100k
Ω power-
down mode.
The MAX5821 features a double-buffered I2C-compati-
ble serial interface that allows multiple devices to share
a single bus. All logic inputs are CMOS-logic compati-
ble and buffered with Schmitt triggers, allowing direct
interfacing to optocoupled and transformer-isolated
interfaces. The MAX5821 minimizes digital noise
feedthrough by disconnecting the clock (SCL) signal
from the rest of the device when an address mismatch
is detected.
The MAX5821 is specified over the extended tempera-
ture range of -40°C to +85°C and is available in a
miniature 8-pin µMAX package. Refer to the MAX5822
data sheet for the 12-bit version.
Applications
Digital Gain and Offset Adjustments
Programmable Voltage and Current Sources
Programmable Attenuation
VCO/Varactor Diode Control
Low-Cost Instrumentation
Battery-Operated Instrumentation
Features
o Ultra-Low Supply Current
115µA at VDD = 3.6V
135µA at VDD = 5.5V
o 300nA Low-Power Power-Down Mode
o Single 2.7V to 5.5V Supply Voltage
o Fast 400kHz I2C-Compatible 2-Wire
Serial Interface
o Schmitt-Trigger Inputs for Direct Interfacing
to Optocouplers
o Rail-to-Rail Output Buffer Amplifiers
o Three Software-Selectable Power-Down Output
Impedances
100k
Ω, 1kΩ, and High Impedance
o Read-Back Mode for Bus and Data Checking
o Power-On Reset to Zero
o 8-Pin µMAX Package
Dual, 10-Bit, Low-Power, 2-Wire, Serial
Voltage-Output DAC
________________________________________________________________ Maxim Integrated Products
1
REF
SDA
SCL
1
2
8
7
OUTB
OUTA
GND
ADD
VDD
µMAX
TOP VIEW
3
4
6
5
MAX5821
Pin Configuration
Ordering Information
RP
RP
VDD
µC
SDA
SCL
SDA
SDA
REF
REF
REF
SCL
SCL
VDD
VDD
RS
RS
VDD
OUTA
OUTB
OUTA
OUTB
MAX5821
MAX5821
RS
RS
Typical Operating Circuit
19-2316; Rev 0; 1/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP
RANGE
PIN-
PACKAGE
ADDRESS
MAX5821LEUA
-40
oC to +85oC
8 µMAX
0111 00X
MAX5821MEUA
-40
oC to +85oC
8 µMAX
1011 00X
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
I2C is a trademark of Philips Corp.
230


Similar Part No. - MAX5821

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5820 MAXIM-MAX5820 Datasheet
400Kb / 13P
Dual, 8-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 2/05
MAX5820L MAXIM-MAX5820L Datasheet
400Kb / 13P
Dual, 8-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 2/05
MAX5820LEUA MAXIM-MAX5820LEUA Datasheet
400Kb / 13P
Dual, 8-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 2/05
MAX5820M MAXIM-MAX5820M Datasheet
400Kb / 13P
Dual, 8-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 2/05
MAX5820MEUA MAXIM-MAX5820MEUA Datasheet
400Kb / 13P
Dual, 8-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 2/05
More results

Similar Description - MAX5821

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5250 MAXIM-MAX5250 Datasheet
134Kb / 16P
Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5721 MAXIM-MAX5721 Datasheet
643Kb / 14P
10-Bit, Low-Power, Dual, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5722 MAXIM-MAX5722 Datasheet
686Kb / 14P
12-Bit, Low-Power, Dual, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5741 MAXIM-MAX5741 Datasheet
635Kb / 15P
10-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5811 MAXIM-MAX5811 Datasheet
417Kb / 13P
10-Bit, Low-Power, 2-Wire Interface, Serial, Voltage-Output DAC
Rev 0; 1/02
MAX5812 MAXIM-MAX5812 Datasheet
268Kb / 13P
12-Bit Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5822 MAXIM-MAX5822 Datasheet
287Kb / 13P
Dual, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5841 MAXIM-MAX5841 Datasheet
408Kb / 15P
Quad, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5842 MAXIM-MAX5842 Datasheet
462Kb / 15P
Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5820 MAXIM-MAX5820 Datasheet
400Kb / 13P
Dual, 8-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com