Electronic Components Datasheet Search
  English  ▼

X  

S1003 Datasheet(PDF) 23 Page - Seiko Instruments Inc

Part # S1003
Description  MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1003 Datasheet(HTML) 23 Page - Seiko Instruments Inc

Back Button S1003 Datasheet HTML 19Page - Seiko Instruments Inc S1003 Datasheet HTML 20Page - Seiko Instruments Inc S1003 Datasheet HTML 21Page - Seiko Instruments Inc S1003 Datasheet HTML 22Page - Seiko Instruments Inc S1003 Datasheet HTML 23Page - Seiko Instruments Inc S1003 Datasheet HTML 24Page - Seiko Instruments Inc S1003 Datasheet HTML 25Page - Seiko Instruments Inc S1003 Datasheet HTML 26Page - Seiko Instruments Inc S1003 Datasheet HTML 27Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Rev.1.0_00
S-1003 Series
Seiko Instruments Inc.
23
Explanation of Terms
1. Detection voltage (
−VDET)
The detection voltage is a voltage at which the output in Figure 30 turns to "L". The detection voltage varies slightly
among products of the same specification. The variation of detection voltage between the specified minimum
(
−VDET min.) and the maximum (−VDET max.) is called the detection voltage range (Refer to Figure 28).
Example:
In the S-1003Cx15, the detection voltage is either one in the range of 1.478 V
≤ −VDET ≤ 1.522 V.
This means that some S-1003Cx15 have
−VDET = 1.478 V and some have −VDET = 1.522 V.
2. Release voltage (
+VDET)
The release voltage is a voltage at which the output in Figure 30 turns to "H". The release voltage varies slightly
among products of the same specification. The variation of release voltage between the specified minimum (
+VDET
min.) and the maximum (
+VDET max.) is called the release voltage range (Refer to Figure 29). The range is
calculated from the actual detection voltage (
−VDET) of a product and is in the range of −VDET × 1.03 ≤ +VDET ≤ −VDET
× 1.07.
Example:
For the S-1003Cx15, the release voltage is either one in the range of 1.522 V
≤ +VDET ≤ 1.629 V.
This means that some S-1003Cx15 have
+VDET = 1.522 V and some have +VDET = 1.629 V.
Detection voltage
Detection voltage
range
VDD
−VDET min.
−VDET max.
OUT
Release voltage
VDD
+VDET min.
+VDET max.
OUT
Release voltage
range
tD
Figure 28 Detection Voltage
Figure 29 Release Voltage
VDD
VDD
VSS
OUT
R
*1
100 k
Ω
V
V
CD
MR
+
+
*2
*1.
R is unnecessary for CMOS output product.
*2.
Set to VDD or GND (MR pin non-active).
Figure 30 Test Circuit of Detection Voltage and Release Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com