Electronic Components Datasheet Search
  English  ▼

X  

S1003 Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S1003
Description  MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1003 Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S1003 Datasheet HTML 1Page - Seiko Instruments Inc S1003 Datasheet HTML 2Page - Seiko Instruments Inc S1003 Datasheet HTML 3Page - Seiko Instruments Inc S1003 Datasheet HTML 4Page - Seiko Instruments Inc S1003 Datasheet HTML 5Page - Seiko Instruments Inc S1003 Datasheet HTML 6Page - Seiko Instruments Inc S1003 Datasheet HTML 7Page - Seiko Instruments Inc S1003 Datasheet HTML 8Page - Seiko Instruments Inc S1003 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Rev.1.0_00
S-1003 Series
Seiko Instruments Inc.
5
4. Product name list
4. 1 S-1003 Series NA type
Output form: Nch open-drain output (Active "L")
MR pin logic: Active "L"
Table 3
Detection Voltage
SOT-23-5
SNT-6A
1.2 V
± 22 mV
S-1003NA12I-M5T1U
S-1003NA12I-I6T1U
1.3 V
± 22 mV
S-1003NA13I-M5T1U
S-1003NA13I-I6T1U
1.4 V
± 22 mV
S-1003NA14I-M5T1U
S-1003NA14I-I6T1U
1.5 V
± 22 mV
S-1003NA15I-M5T1U
S-1003NA15I-I6T1U
1.6 V
± 22 mV
S-1003NA16I-M5T1U
S-1003NA16I-I6T1U
1.7 V
± 22 mV
S-1003NA17I-M5T1U
S-1003NA17I-I6T1U
1.8 V
± 22 mV
S-1003NA18I-M5T1U
S-1003NA18I-I6T1U
1.9 V
± 22 mV
S-1003NA19I-M5T1U
S-1003NA19I-I6T1U
2.0 V
± 22 mV
S-1003NA20I-M5T1U
S-1003NA20I-I6T1U
2.1 V
± 22 mV
S-1003NA21I-M5T1U
S-1003NA21I-I6T1U
2.2 V
± 1.0%
S-1003NA22I-M5T1U
S-1003NA22I-I6T1U
2.3 V
± 1.0%
S-1003NA23I-M5T1U
S-1003NA23I-I6T1U
2.4 V
± 1.0%
S-1003NA24I-M5T1U
S-1003NA24I-I6T1U
2.5 V
± 1.0%
S-1003NA25I-M5T1U
S-1003NA25I-I6T1U
2.6 V
± 1.0%
S-1003NA26I-M5T1U
S-1003NA26I-I6T1U
2.7 V
± 1.0%
S-1003NA27I-M5T1U
S-1003NA27I-I6T1U
2.8 V
± 1.0%
S-1003NA28I-M5T1U
S-1003NA28I-I6T1U
2.9 V
± 1.0%
S-1003NA29I-M5T1U
S-1003NA29I-I6T1U
3.0 V
± 1.0%
S-1003NA30I-M5T1U
S-1003NA30I-I6T1U
3.1 V
± 1.0%
S-1003NA31I-M5T1U
S-1003NA31I-I6T1U
3.2 V
± 1.0%
S-1003NA32I-M5T1U
S-1003NA32I-I6T1U
3.3 V
± 1.0%
S-1003NA33I-M5T1U
S-1003NA33I-I6T1U
3.4 V
± 1.0%
S-1003NA34I-M5T1U
S-1003NA34I-I6T1U
3.5 V
± 1.0%
S-1003NA35I-M5T1U
S-1003NA35I-I6T1U
3.6 V
± 1.0%
S-1003NA36I-M5T1U
S-1003NA36I-I6T1U
3.7 V
± 1.0%
S-1003NA37I-M5T1U
S-1003NA37I-I6T1U
3.8 V
± 1.0%
S-1003NA38I-M5T1U
S-1003NA38I-I6T1U
3.9 V
± 1.0%
S-1003NA39I-M5T1U
S-1003NA39I-I6T1U
4.0 V
± 1.0%
S-1003NA40I-M5T1U
S-1003NA40I-I6T1U
4.1 V
± 1.0%
S-1003NA41I-M5T1U
S-1003NA41I-I6T1U
4.2 V
± 1.0%
S-1003NA42I-M5T1U
S-1003NA42I-I6T1U
4.3 V
± 1.0%
S-1003NA43I-M5T1U
S-1003NA43I-I6T1U
4.4 V
± 1.0%
S-1003NA44I-M5T1U
S-1003NA44I-I6T1U
4.5 V
± 1.0%
S-1003NA45I-M5T1U
S-1003NA45I-I6T1U
4.6 V
± 1.0%
S-1003NA46I-M5T1U
S-1003NA46I-I6T1U
4.7 V
± 1.0%
S-1003NA47I-M5T1U
S-1003NA47I-I6T1U
4.8 V
± 1.0%
S-1003NA48I-M5T1U
S-1003NA48I-I6T1U
4.9 V
± 1.0%
S-1003NA49I-M5T1U
S-1003NA49I-I6T1U
5.0 V
± 1.0%
S-1003NA50I-M5T1U
S-1003NA50I-I6T1U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com