Electronic Components Datasheet Search
  English  ▼

X  

S1003 Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S1003
Description  MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1003 Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S1003 Datasheet HTML 13Page - Seiko Instruments Inc S1003 Datasheet HTML 14Page - Seiko Instruments Inc S1003 Datasheet HTML 15Page - Seiko Instruments Inc S1003 Datasheet HTML 16Page - Seiko Instruments Inc S1003 Datasheet HTML 17Page - Seiko Instruments Inc S1003 Datasheet HTML 18Page - Seiko Instruments Inc S1003 Datasheet HTML 19Page - Seiko Instruments Inc S1003 Datasheet HTML 20Page - Seiko Instruments Inc S1003 Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Rev.1.0_00
S-1003 Series
Seiko Instruments Inc.
17
2. 2 S-1003 Series xB type (MR pin logic active "H")
(1) MR pin = "H"
When the VDD pin voltage is the release voltage (
+VDET) or more, the OUT pin changes to the detection status
from the release status immediately if a voltage of the MR pin input voltage "H" (VMRH) or more is applied to the
MR pin.
(2) MR pin = "L"
If a voltage of the MR pin input voltage "L" (VMRL) or less is applied to the MR pin, output from the OUT pin is
determined to be "H" or "L" depending on the VDD pin voltage.
After the passage of the delay time (tD), the OUT pin changes to the release status from the detection status.
VDD (
≥ +VDET)
VDD
VSS
MR pin input voltage "H" (VMRH)
tD
MR pin input voltage "L" (VMRL)
(1)
(2)
Input from VDD pin
Input from MR pin
Output from OUT pin
Figure 20 Timing Chart of MR Pin Logic Active "H"
Remark
Since the MR pin is pulled down to the VSS pin internally, output from the OUT pin is determined to be "H" or
"L" in the floating status depending on the VDD pin voltage (Refer to Figure 21).
VSS
VDD
MR
*1
*1
RMR
*1.
Parasitic diode
Figure 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com