Electronic Components Datasheet Search
  English  ▼

X  

S1003 Datasheet(PDF) 16 Page - Seiko Instruments Inc

Part # S1003
Description  MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1003 Datasheet(HTML) 16 Page - Seiko Instruments Inc

Back Button S1003 Datasheet HTML 12Page - Seiko Instruments Inc S1003 Datasheet HTML 13Page - Seiko Instruments Inc S1003 Datasheet HTML 14Page - Seiko Instruments Inc S1003 Datasheet HTML 15Page - Seiko Instruments Inc S1003 Datasheet HTML 16Page - Seiko Instruments Inc S1003 Datasheet HTML 17Page - Seiko Instruments Inc S1003 Datasheet HTML 18Page - Seiko Instruments Inc S1003 Datasheet HTML 19Page - Seiko Instruments Inc S1003 Datasheet HTML 20Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
S-1003 Series
Rev.1.0_00
Seiko Instruments Inc.
16
2. Manual reset function
The OUT pin voltage can be changed to detection status forcibly by the MR pin input voltage (VMR).
When not using the manual reset function, set VMR = VDD in the S-1003 Series xA type, and VMR = VSS in the
S-1003 Series xB type.
Caution Perform thorough evaluation in the actual application when using the MR pin in open. Due to the
parasitic capacitance of the MR pin, the manual reset function may malfunction when the power supply
fluctuates.
2. 1 S-1003 Series xA type (MR pin logic active "L")
(1) MR pin = "L"
When the VDD pin voltage is the release voltage (
+VDET) or more, the OUT pin changes to the detection status
from the release status immediately if a voltage of the MR pin input voltage "L" (VMRL) or less is applied to the
MR pin.
(2) MR pin = "H"
If a voltage of the MR pin input voltage "H" (VMRH) or more is applied to the MR pin, output from the OUT pin is
determined to be "H" or "L" depending on the VDD pin voltage.
After the passage of the delay time (tD), the OUT pin changes to the release status from the detection status.
VDD (
≥ +VDET)
VDD
VSS
MR pin input voltage "H" (VMRH)
Input from VDD pin
tD
Input from MR pin
Output from OUT pin
MR pin input voltage "L" (VMRL)
(1)
(2)
Figure 18 Timing Chart of MR Pin Logic Active "L"
Remark
Since the MR pin is pulled up to the VDD pin internally, output from the OUT pin is determined to be "H" or "L" in
the floating status depending on the VDD pin voltage (Refer to Figure 19).
VSS
VDD
MR
*1
*1
RMR
*1.
Parasitic diode
Figure 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com