Electronic Components Datasheet Search
  English  ▼

X  

S1003 Datasheet(PDF) 29 Page - Seiko Instruments Inc

Part # S1003
Description  MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1003 Datasheet(HTML) 29 Page - Seiko Instruments Inc

Back Button S1003 Datasheet HTML 25Page - Seiko Instruments Inc S1003 Datasheet HTML 26Page - Seiko Instruments Inc S1003 Datasheet HTML 27Page - Seiko Instruments Inc S1003 Datasheet HTML 28Page - Seiko Instruments Inc S1003 Datasheet HTML 29Page - Seiko Instruments Inc S1003 Datasheet HTML 30Page - Seiko Instruments Inc S1003 Datasheet HTML 31Page - Seiko Instruments Inc S1003 Datasheet HTML 32Page - Seiko Instruments Inc S1003 Datasheet HTML 33Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Rev.1.0_00
S-1003 Series
Seiko Instruments Inc.
29
9.
Minimum operation voltage (VOUT) vs. Input voltage (VDD)
S-1003NA12
Pull-up to VDD
Pull-up resistance: 100 k
Ω
1.8
0
0
1.6
VDD [V]
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
1.4
1.2
1.0
0.8
0.6
0.4
0.2
Ta =
−40°C
Ta =
+25°C
Ta =
+85°C
S-1003NA24
Pull-up to VDD
Pull-up resistance: 100 k
Ω
3.0
0
0
2.8
VDD [V]
2.5
2.0
1.5
1.0
0.5
2.4
2.0
1.6
1.2
0.8
0.4
Ta =
−40°C
Ta =
+25°C
Ta =
+85°C
S-1003NA50
Pull-up to VDD
Pull-up resistance: 100 k
Ω
6.0
0
0
5.5
VDD [V]
5.0
4.0
3.0
2.0
1.0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
Ta =
−40°C
Ta =
+25°C
Ta =
+85°C
S-1003NA12
Pull-up to 10 V
Pull-up resistance: 100 k
Ω
12.0
0
0
1.6
VDD [V]
1.4
1.2
1.0
0.8
0.6
0.4
0.2
10.0
8.0
6.0
4.0
2.0
Ta =
−40°C
Ta =
+25°C
Ta =
+85°C
S-1003NA24
Pull-up to 10 V
Pull-up resistance: 100 k
Ω
12.0
0
0
2.8
VDD [V]
10.0
8.0
6.0
4.0
2.0
2.4
2.0
1.6
1.2
0.8
0.4
Ta =
−40°C
Ta =
+25°C
Ta =
+85°C
S-1003NA50
Pull-up to 10 V
Pull-up resistance: 100 k
Ω
12.0
0
0
5.5
VDD [V]
10.0
8.0
6.0
4.0
2.0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
Ta =
−40°C
Ta =
+25°C
Ta =
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com