Electronic Components Datasheet Search
  English  ▼

X  

S1003 Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S1003
Description  MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1003 Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S1003 Datasheet HTML 6Page - Seiko Instruments Inc S1003 Datasheet HTML 7Page - Seiko Instruments Inc S1003 Datasheet HTML 8Page - Seiko Instruments Inc S1003 Datasheet HTML 9Page - Seiko Instruments Inc S1003 Datasheet HTML 10Page - Seiko Instruments Inc S1003 Datasheet HTML 11Page - Seiko Instruments Inc S1003 Datasheet HTML 12Page - Seiko Instruments Inc S1003 Datasheet HTML 13Page - Seiko Instruments Inc S1003 Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
S-1003 Series
Rev.1.0_00
Seiko Instruments Inc.
10
Absolute Maximum Ratings
Table 9
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
Power supply voltage
VDD
− VSS
12.0
V
CD pin input voltage
VCD
VSS
− 0.3 to VDD + 0.3
V
MR pin input voltage
VMR
VSS
− 0.3 to VDD + 0.3
V
Nch open-drain output product
VSS
− 0.3 to 12.0
V
Output voltage
CMOS output product
VOUT
VSS
− 0.3 to VDD + 0.3
V
Output current
IOUT
50
mA
SOT-23-5
600
*1
mW
Power dissipation
SNT-6A
PD
400
*1
mW
Operation ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
*1. When mounted on board
[Mounted board]
(1) Board size:
114.3 mm
× 76.2 mm × t1.6 mm
(2) Name:
JEDEC STANDARD51-7
Caution
The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
0
50
100
150
0
Ambient Temperature (Ta) [
°C]
200
100
300
500
700
SOT-23-5
400
600
SNT-6A
Figure 7 Power Dissipation of Package (When Mounted on Board)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com