Electronic Components Datasheet Search
  English  ▼

X  

S1003 Datasheet(PDF) 34 Page - Seiko Instruments Inc

Part # S1003
Description  MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1003 Datasheet(HTML) 34 Page - Seiko Instruments Inc

Back Button S1003 Datasheet HTML 30Page - Seiko Instruments Inc S1003 Datasheet HTML 31Page - Seiko Instruments Inc S1003 Datasheet HTML 32Page - Seiko Instruments Inc S1003 Datasheet HTML 33Page - Seiko Instruments Inc S1003 Datasheet HTML 34Page - Seiko Instruments Inc S1003 Datasheet HTML 35Page - Seiko Instruments Inc S1003 Datasheet HTML 36Page - Seiko Instruments Inc S1003 Datasheet HTML 37Page - Seiko Instruments Inc S1003 Datasheet HTML 38Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
S-1003 Series
Rev.1.0_00
Seiko Instruments Inc.
34
2. Change of detection voltage (Nch open-drain output product only)
If there is not a product with a specified detection voltage value in the S-1003N Series, the detection voltage can be
changed by using a resistance divider or a diode, as seen in Figure 40 and Figure 41.
In Figure 40, hysteresis width also changes.
(Nch open-drain
output product)
RA
*1
VIN
GND
VDD
RB
(RA
≤ 100 kΩ)
R
100 k
Ω
VDD
CD
VSS
OUT
MR
*2
Detection voltage =
RA
+ RB
RB
• −VDET
Hysteresis width =
RA
+ RB
RB
• VHYS
(Nch open-drain
output product)
Vf1
VIN
GND
VDD
R
100 k
Ω
VDD
CD
VSS
OUT
MR
*1
Detection voltage = Vf1
+ (−VDET)
*1.
Set to VIN or GND (MR pin non-active).
*1.
RA should be 100 k
Ω or less to prevent oscillation.
*2.
Set to VIN or GND (MR pin non-active).
Caution If RA and RB are large, the hysteresis width
may also be larger than the value given by
the above equation due to the feed-through
current.
Figure 40
Figure 41
Caution 1. The above connection diagram and constant will not guarantee successful operation.
Perform thorough evaluation using the actual application to set the constant.
2. Note that the hysteresis width may be larger as the following equation shows when using the
above connections. Perform thorough evaluation using the actual application to set the
constant.
Maximum hysteresis width =
RA
+ RB
RB
• VHYS + RA • 20 μA
3. When using the manual reset function, refer to "2. 4 When connecting resistance (RA)
between power supply voltage (VDD) and VDD pin" in " Operation" to set the constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com