Electronic Components Datasheet Search
  English  ▼

X  

S1004 Datasheet(PDF) 23 Page - Seiko Instruments Inc

Part # S1004
Description  BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1004 Datasheet(HTML) 23 Page - Seiko Instruments Inc

Back Button S1004 Datasheet HTML 19Page - Seiko Instruments Inc S1004 Datasheet HTML 20Page - Seiko Instruments Inc S1004 Datasheet HTML 21Page - Seiko Instruments Inc S1004 Datasheet HTML 22Page - Seiko Instruments Inc S1004 Datasheet HTML 23Page - Seiko Instruments Inc S1004 Datasheet HTML 24Page - Seiko Instruments Inc S1004 Datasheet HTML 25Page - Seiko Instruments Inc S1004 Datasheet HTML 26Page - Seiko Instruments Inc S1004 Datasheet HTML 27Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_00
S-1004 Series
Seiko Instruments Inc.
23
Precautions
• Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in electrostatic
protection circuit.
• In CMOS output product of the S-1004 Series, the feed-through current flows at the time of detection and release. If
the VDD pin input impedance is high, malfunction may occur due to the voltage drop by the feed-through current
when releasing.
• In CMOS output product, oscillation may occur if a pull-down resistor is connected and falling speed of the SENSE
pin voltage (VSENSE) is slow near the detection voltage when the VDD pin and the SENSE pin are shorted.
• When designing for mass production using an application circuit described herein, the product deviation and
temperature characteristics of the external parts should be taken into consideration. SII shall not bear any
responsibility for patent infringements related to products using the circuits described herein.
• SII claims no responsibility for any disputes arising out of or in connection with any infringement by products
including this IC of patents owned by a third party.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com