Electronic Components Datasheet Search
  English  ▼

X  

S1004 Datasheet(PDF) 26 Page - Seiko Instruments Inc

Part # S1004
Description  BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1004 Datasheet(HTML) 26 Page - Seiko Instruments Inc

Back Button S1004 Datasheet HTML 22Page - Seiko Instruments Inc S1004 Datasheet HTML 23Page - Seiko Instruments Inc S1004 Datasheet HTML 24Page - Seiko Instruments Inc S1004 Datasheet HTML 25Page - Seiko Instruments Inc S1004 Datasheet HTML 26Page - Seiko Instruments Inc S1004 Datasheet HTML 27Page - Seiko Instruments Inc S1004 Datasheet HTML 28Page - Seiko Instruments Inc S1004 Datasheet HTML 29Page - Seiko Instruments Inc S1004 Datasheet HTML 30Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
S-1004 Series
Rev.2.1_00
Seiko Instruments Inc.
26
5. Current consumption (ISS) vs. Power supply voltage (VDD)
S-1004Cx10
Ta =
+25°C,
VSENSE =
−VDET(S) − 0.1 V (during detection)
1.00
0.0
2.0
4.0
6.0
8.0
10.0
VDD [V]
0.80
0.60
0.40
0.20
0.00
S-1004Cx10
Ta =
+25°C,
VSENSE =
−VDET(S) + 1.0 V (during release)
1.00
0.0
2.0
4.0
6.0
8.0
10.0
VDD [V]
0.80
0.60
0.40
0.20
0.00
S-1004Cx24
Ta =
+25°C,
VSENSE =
−VDET(S) − 0.1 V (during detection)
1.00
0.0
2.0
4.0
6.0
8.0
10.0
VDD [V]
0.80
0.60
0.40
0.20
0.00
S-1004Cx24
Ta =
+25°C,
VSENSE =
−VDET(S) + 1.0 V (during release)
1.00
0.0
2.0
4.0
6.0
8.0
10.0
VDD [V]
0.80
0.60
0.40
0.20
0.00
S-1004Cx50
Ta =
+25°C,
VSENSE =
−VDET(S) − 0.1 V (during detection)
1.00
0.0
2.0
4.0
6.0
8.0
10.0
VDD [V]
0.80
0.60
0.40
0.20
0.00
S-1004Cx50
Ta =
+25°C,
VSENSE =
−VDET(S) + 1.0 V (during release)
1.00
0.0
2.0
4.0
6.0
8.0
10.0
VDD [V]
0.80
0.60
0.40
0.20
0.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com