Electronic Components Datasheet Search
  English  ▼

X  

S1004 Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S1004
Description  BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1004 Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S1004 Datasheet HTML 6Page - Seiko Instruments Inc S1004 Datasheet HTML 7Page - Seiko Instruments Inc S1004 Datasheet HTML 8Page - Seiko Instruments Inc S1004 Datasheet HTML 9Page - Seiko Instruments Inc S1004 Datasheet HTML 10Page - Seiko Instruments Inc S1004 Datasheet HTML 11Page - Seiko Instruments Inc S1004 Datasheet HTML 12Page - Seiko Instruments Inc S1004 Datasheet HTML 13Page - Seiko Instruments Inc S1004 Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
S-1004 Series
Rev.2.1_00
Seiko Instruments Inc.
10
Electrical Characteristics
1. Nch open-drain output product
Table 11
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Detection voltage
*1 −VDET
0.95 V
≤ VDD ≤ 10.0 V
1.0 V
≤ −VDET(S) < 2.2 V
−VDET(S)
− 0.022
−VDET(S)
−VDET(S)
+ 0.022
V
1
2.2 V
≤ −VDET(S) ≤ 5.0 V
−VDET(S)
× 0.99
−VDET(S)
−VDET(S)
× 1.01
V
1
Hysteresis width
VHYS
−
−VDET
× 0.03
−VDET
× 0.05
−VDET
× 0.07
V
1
Current
consumption
*2
ISS
VDD = 10.0 V, VSENSE =
−VDET(S) + 1.0 V
−
0.50
0.90
μA
2
Operation voltage VDD
−
0.95
−
10.0
V
1
Output current
IOUT
Output transistor
Nch
VDS
*3 = 0.5 V
VSENSE = 0.0 V
VDD = 0.95 V
0.59
1.00
−
mA
3
VDD = 1.2 V
0.73
1.33
−
mA
3
VDD = 2.4 V
1.47
2.39
−
mA
3
VDD = 4.8 V
1.86
2.50
−
mA
3
Leakage current
ILEAK
Output transistor
Nch
VDD = 10.0 V, VDS
*3 = 10.0 V, VSENSE = 10.0 V
−
−
0.08
μA
3
Detection voltage
temperature
coefficient
*4
Δ−VDET
ΔTa • −VDET Ta = −40°C to +85°C
−
±100
±350 ppm/°C
1
Detection
delay time
*5
tDET
VDD = 5.0 V
−
40
−
μs
4
Release
delay time
*6
tRESET
VDD =
−VDET(S) + 1.0 V, CD = 4.7 nF
10.79
12.69
14.59
ms
4
SENSE pin
resistance
RSENSE
1.0 V
≤ −VDET(S) < 1.2 V
5.0
19.0
42.0
M
Ω
2
1.2 V
≤ −VDET(S) ≤ 5.0 V
6.0
30.0
98.0
M
Ω
2
*1.
−VDET: Actual detection voltage value, −VDET(S): Set detection voltage value (the center value of the detection voltage
range in Table 3 or Table 4)
*2.
The current flowing through the SENSE pin resistance is not included.
*3.
VDS: Drain-to-source voltage of the output transistor
*4.
The temperature change of the detection voltage [mV/°C] is calculated by using the following equation.
Δ−VDET
ΔTa
[]
mV/°C
*1 = −VDET(S) (typ.)[]
V
*2 ×
Δ−VDET
ΔTa • −VDET []
ppm/°C
*3 ÷ 1000
*1. Temperature change of the detection voltage
*2. Set detection voltage
*3. Detection voltage temperature coefficient
*5.
The time period from when the pulse voltage of 6.0 V
→ −VDET(S) − 2.0 V or 0 V is applied to the SENSE pin to when
VOUT reaches VDD / 2, after the output pin is pulled up to 5.0 V by the resistance of 470 k
Ω.
*6.
The time period from when the pulse voltage of 0.95 V
→ 10.0 V is applied to the SENSE pin to when VOUT reaches
VDD
× 90%, after the output pin is pulled up to VDD by the resistance of 100 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com