Electronic Components Datasheet Search
  English  ▼

X  

S1004 Datasheet(PDF) 41 Page - Seiko Instruments Inc

Part # S1004
Description  BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1004 Datasheet(HTML) 41 Page - Seiko Instruments Inc

Back Button S1004 Datasheet HTML 34Page - Seiko Instruments Inc S1004 Datasheet HTML 35Page - Seiko Instruments Inc S1004 Datasheet HTML 36Page - Seiko Instruments Inc S1004 Datasheet HTML 37Page - Seiko Instruments Inc S1004 Datasheet HTML 38Page - Seiko Instruments Inc S1004 Datasheet HTML 39Page - Seiko Instruments Inc S1004 Datasheet HTML 40Page - Seiko Instruments Inc S1004 Datasheet HTML 41Page - Seiko Instruments Inc S1004 Datasheet HTML 42Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
No.
TITLE
SCALE
UNIT
mm
SNT-6A-A-Land Recommendation
Seiko Instruments Inc.
PG006-A-L-SD-4.0
No. PG006-A-L-SD-4.0
0.3
0.2
0.52
1.36
0.52
1
2
Caution 1. Do not do silkscreen printing and solder printing under the mold resin of the package.
2. The thickness of the solder resist on the wire pattern under the package should be 0.03 mm
or less from the land pattern surface.
3. Match the mask aperture size and aperture position with the land pattern.
4. Refer to "SNT Package User's Guide" for details.
1.
(0.25 mm min. / 0.30 mm typ.)
2.
(1.30 mm ~ 1.40 mm)
0.03 mm
SNT
1. Pay attention to the land pattern width (0.25 mm min. / 0.30 mm typ.).
2. Do not widen the land pattern to the center of the package ( 1.30 mm ~ 1.40 mm ).
1.
2.
※
1.
(0.25 mm min. / 0.30 mm typ.)
※
2.
(1.30 mm ~ 1.40 mm)
1.
2.
(
)
0.03 mm
3.
4.
"SNT
"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com