Electronic Components Datasheet Search
  English  ▼

X  

S1004 Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S1004
Description  BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1004 Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S1004 Datasheet HTML 1Page - Seiko Instruments Inc S1004 Datasheet HTML 2Page - Seiko Instruments Inc S1004 Datasheet HTML 3Page - Seiko Instruments Inc S1004 Datasheet HTML 4Page - Seiko Instruments Inc S1004 Datasheet HTML 5Page - Seiko Instruments Inc S1004 Datasheet HTML 6Page - Seiko Instruments Inc S1004 Datasheet HTML 7Page - Seiko Instruments Inc S1004 Datasheet HTML 8Page - Seiko Instruments Inc S1004 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_00
S-1004 Series
Seiko Instruments Inc.
3
Product Name Structure
Users can select the output form and detection voltage value for the S-1004 Series.
Refer to "1. Product name" regarding the contents of product name, "2. Function list of product types" regarding
the product types, "3. Packages" regarding the package drawings and "4. Product name list" regarding details of
product name.
1. Product name
S-1004 x x xx I - xxxx U
Package abbreviation and IC packing specifications
*1
M5T1: SOT-23-5, Tape
I6T1:
SNT-6A, Tape
Detection voltage value
10 to 50
(e.g., when the detection voltage is 1.0 V, it is expressed as 10.)
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Operation temperature
I:
Ta =
−40°C to +85°C
Output form
*3
N:
Nch open-drain output (Active "L")
*4
C:
CMOS output (Active "L")
*4
Pin configuration
*2
A, B
*1. Refer to the tape drawing.
*2. Refer to " Pin Configurations".
*3. Refer to "2. Function list of product types".
*4. If you request the product with output logic active "H", contact our sales office.
2. Function list of product types
Table 1
Product Type
Output Form
Output Logic
Pin Configuration
Package
NA
Nch open-drain output
Active "L"
A
SOT-23-5, SNT-6A
NB
Active "L"
B
SOT-23-5
CA
CMOS output
Active "L"
A
SOT-23-5, SNT-6A
CB
Active "L"
B
SOT-23-5
3. Packages
Table 2 Package Drawing Codes
Package Name
Dimension
Tape
Reel
Land
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD
−
SNT-6A
PG006-A-P-SD
PG006-A-C-SD
PG006-A-R-SD
PG006-A-L-SD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com