Electronic Components Datasheet Search
  English  ▼

X  

S1004 Datasheet(PDF) 34 Page - Seiko Instruments Inc

Part # S1004
Description  BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1004 Datasheet(HTML) 34 Page - Seiko Instruments Inc

Back Button S1004 Datasheet HTML 30Page - Seiko Instruments Inc S1004 Datasheet HTML 31Page - Seiko Instruments Inc S1004 Datasheet HTML 32Page - Seiko Instruments Inc S1004 Datasheet HTML 33Page - Seiko Instruments Inc S1004 Datasheet HTML 34Page - Seiko Instruments Inc S1004 Datasheet HTML 35Page - Seiko Instruments Inc S1004 Datasheet HTML 36Page - Seiko Instruments Inc S1004 Datasheet HTML 37Page - Seiko Instruments Inc S1004 Datasheet HTML 38Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
S-1004 Series
Rev.2.1_00
Seiko Instruments Inc.
34
2. Change of detection voltage
If there is not a product with a specified detection voltage value in the S-1004 Series, the detection voltage can be
changed by using a resistance divider or a diode, as seen in Figure 41 to Figure 44.
In Figure 41 and Figure 42, hysteresis width also changes.
RA
VIN
GND
VDD
RB
R
100 k
Ω
VSS
OUT
VDD
SENSE
CD
RA
VIN
GND
VDD
RB
VSS
OUT
VDD
SENSE
CD
Figure 41 Detection voltage change
Figure 42 Detection voltage change
when using a resistance divider
when using a resistance divider
(Nch open-drain output product)
(CMOS output product)
Remark
Detection voltage =
RA
+ RB
RB
• −VDET
Hysteresis width =
RA
+ RB
RB
• VHYS
Vf1
VIN
GND
VDD
R
100 k
Ω
VDD
VSS
OUT
SENSE
CD
Vf1
VIN
GND
VDD
VDD
VSS
OUT
SENSE
CD
Figure 43 Detection voltage change
Figure 44 Detection voltage change
when using a diode
when using a diode
(Nch open-drain output product)
(CMOS output product)
Remark
Detection voltage = Vf1
+ (−VDET)
Caution 1. The above connection diagram and constant will not guarantee successful operation.
Perform thorough evaluation using the actual application to set the constant.
2. Set the constants referring to "2. 1 Error when detection voltage is set externally" in
" Operation".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com