Electronic Components Datasheet Search
  English  ▼

X  

MAX5921 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5921
Description  -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5921 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5921 Datasheet HTML 4Page - Maxim Integrated Products MAX5921 Datasheet HTML 5Page - Maxim Integrated Products MAX5921 Datasheet HTML 6Page - Maxim Integrated Products MAX5921 Datasheet HTML 7Page - Maxim Integrated Products MAX5921 Datasheet HTML 8Page - Maxim Integrated Products MAX5921 Datasheet HTML 9Page - Maxim Integrated Products MAX5921 Datasheet HTML 10Page - Maxim Integrated Products MAX5921 Datasheet HTML 11Page - Maxim Integrated Products MAX5921 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
-48V Hot-Swap Controllers with External
RSENSE and High Gate Pulldown Current
8
_______________________________________________________________________________________
Detailed Description
The MAX5921/MAX5939 integrated hot-swap controllers
for -48V power systems allow circuit boards to be safely
hot plugged into a live backplane without causing a
glitch on the power-supply rail. When circuit boards are
inserted into a live backplane, the bypass capacitors at
the input of the board’s power module or switching
power supply can draw large inrush currents as they
charge. Uncontrolled inrush currents can cause glitches
on the system power supply and damage components
on the board.
The MAX5921/MAX5939 provide a controlled turn-on to
circuit cards preventing damage to connectors, board
components, and prevent glitches on the power-supply
rail. Both the MAX5921/MAX5939 provide undervolt-
age, overvoltage, and overcurrent protection. The
MAX5921/MAX5939 ensure that the input voltage is sta-
ble and within tolerance before applying power to the
load. The device also provides protection against input
voltage steps by limiting the load current to a safe level
without turning off power to the load.
Pin Description
PIN
MAX5921A/
MAX5921E
MAX5939A/
MAX5939E
MAX5921B/
MAX5921F
MAX5939B/
MAX5939F
NAME
FUNCTION
1
—
PWRGD
Power-Good Signal Output.
PWRGD is an active-low open-drain status output referenced
to VEE. PWRGD latches low when VDRAIN - VEE
≤ VDL and VGATE > ∆VGATE indicating a
power-good condition.
PWRGD is open drain otherwise.
—
1
PWRGD
Power-Good Signal Output. PWRGD is an active-high open-drain status output refer-
enced to DRAIN. PWRGD latches in a high-impedance state when VDRAIN - VEE
≤ VDL
and VGATE >
∆VGATE - VGH indicating a power-good condition. PWRGD is pulled low to
DRAIN otherwise.
22
OV
Overvoltage Detection Input. OV is referenced to VEE. When OV is pulled above VOVH
voltage, GATE pulls low. GATE remains low until the OV voltage reduces to VOVH -
VOVHY.
33
UV
Undervoltage Detection Input. UV is referenced to VEE. When UV is pulled above VUVH
voltage, the GATE is enabled. When UV is pulled below VUVL, GATE pulls low.
UV is also used to reset the circuit breaker after a fault condition. To reset the circuit
breaker, pull UV below VUVL. The reset command can be issued immediately after a fault
condition; however, the device will not restart until a tOFF delay time has elapsed after the
fault condition is removed.
44
VEE
Negative Power-Supply Input. Connect to the negative power-supply rail.
5
5
SENSE
Current-Sense Input. Connect to the external sense resistor and the source of the external
MOSFET. The voltage drop across the external sense resistor is monitored to detect
overcurrent or short-circuit fault conditions. Connect SENSE to VEE to disable the current-
limiting feature.
6
6
GATE
Gate Drive Output. Connect to the gate of the external N-channel MOSFET.
7
7
DRAIN
Output Voltage Sense Input. Connect to the output voltage node (drain of external N-
channel MOSFET). Place the MAX5921/MAX5939 such that DRAIN is close to the drain of
the external MOSFET for the best thermal protection.
88
VDD
Positive Power-Supply Input. This is the power ground in the negative supply voltage
system. Connect to the higher potential of the power-supply inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com