Electronic Components Datasheet Search
  English  ▼

X  

MAX5921 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5921
Description  -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5921 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5921 Datasheet HTML 1Page - Maxim Integrated Products MAX5921 Datasheet HTML 2Page - Maxim Integrated Products MAX5921 Datasheet HTML 3Page - Maxim Integrated Products MAX5921 Datasheet HTML 4Page - Maxim Integrated Products MAX5921 Datasheet HTML 5Page - Maxim Integrated Products MAX5921 Datasheet HTML 6Page - Maxim Integrated Products MAX5921 Datasheet HTML 7Page - Maxim Integrated Products MAX5921 Datasheet HTML 8Page - Maxim Integrated Products MAX5921 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
-48V Hot-Swap Controllers with External
RSENSE and High Gate Pulldown Current
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VDD = +48V, VEE = 0V, TA = +25°C, unless otherwise noted.)
43.0
43.2
43.8
43.6
43.4
44.8
44.6
44.2
44.0
44.4
45.0
-40
10
-15
356085
GATE PULLUP CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VGATE = 0V
25
30
45
40
35
65
55
50
60
70
-40
10
-15
356085
GATE PULLDOWN CURRENT
vs. TEMPERATURE AFTER A FAULT
TEMPERATURE (
°C)
VGATE = 2V
0
15
60
45
30
75
90
040
20
60
80
100
GATE PULLDOWN CURRENT
vs. OVERDRIVE DURING A CURRENT FAULT
OVERDRIVE (mV)
VGATE = 2V
0
100
400
300
200
500
600
900
750
1050
1200
GATE PULLDOWN CURRENT
vs. OVERDRIVE DURING A SHORT CIRCUIT
OVERDRIVE (mV)
VGATE = 2V
0
40
160
120
80
20
140
100
60
180
-40
10
-15
35
60
85
PWRGD OUTPUT LOW VOLTAGE
vs. TEMPERATURE (MAX5921A)
TEMPERATURE (
°C)
IOUT = 5mA
0.001
0.01
10
1
0.1
100
-40
10
-15
35
60
85
PWRGD OUTPUT LEAKAGE CURRENT
vs. TEMPERATURE (MAX5921B)
TEMPERATURE (
°C)
VDRAIN - VEE > 2.4V
0
200
100
500
400
300
800
700
600
900
040
20
60
80
100
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TA = +85
°C
TA = +25
°C
TA = -40
°C
7
9
8
12
11
10
14
13
15
040
20
60
80
100
GATE VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TA = +25
°C
40
42
48
46
44
58
56
52
50
54
60
-40
10
-15
356085
CURRENT-LIMIT TRIP VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com