Electronic Components Datasheet Search
  English  ▼

X  

MAX5921 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5921
Description  -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5921 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5921 Datasheet HTML 1Page - Maxim Integrated Products MAX5921 Datasheet HTML 2Page - Maxim Integrated Products MAX5921 Datasheet HTML 3Page - Maxim Integrated Products MAX5921 Datasheet HTML 4Page - Maxim Integrated Products MAX5921 Datasheet HTML 5Page - Maxim Integrated Products MAX5921 Datasheet HTML 6Page - Maxim Integrated Products MAX5921 Datasheet HTML 7Page - Maxim Integrated Products MAX5921 Datasheet HTML 8Page - Maxim Integrated Products MAX5921 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
-48V Hot-Swap Controllers with External
RSENSE and High Gate Pulldown Current
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VEE = 0V, VDD = 48V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C, unless otherwise noted.) (Notes 1, 4)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
All Voltages Are Referenced to VEE, Unless Otherwise Noted
Supply Voltage (VDD - VEE )................................-0.3V to +100V
DRAIN, PWRGD, PWRGD ....................................-0.3V to +100V
PWRGD to DRAIN .............................................… -0.3V to +95V
PWRGD to VDD .......................................................-95V to +85V
SENSE (Internally Clamped) .................................-0.3V to +1.0V
GATE (Internally Clamped) ....................................-0.3V to +18V
UV and OV..............................................................-0.3V to +60V
Current into SENSE...........................................................+40mA
Current into GATE...........................................................+300mA
Current into Any Other Pin................................................+20mA
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.9mW/°C above +70°C)..................471mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature .....................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
Operating Input Voltage Range
VDD
20
80
V
Supply Current
IDD
Current into VDD with UV = 3V, OV, DRAIN,
SENSE = VEE, GATE = floating
0.7
2
mA
GATE DRIVER AND CLAMPING CIRCUITS
Gate Pullup Current
IPU
GATE drive on, VGATE = VEE
-30
-45
-60
µA
Gate Pulldown Current
IPD
VSENSE - VEE = 100mV, VGATE = 2V (Note 2)
24
50
70
mA
External Gate Drive
∆VGATE
VGATE - VEE, steady state, 20V
≤ VDD ≤ 80V
10
13.5
18
V
GATE to VEE Clamp Voltage
VGSCLMP
VGATE - VEE, IGS = 30mA
15
16.4
18
V
CIRCUIT BREAKER
Current-Limit Trip Voltage
VCL
VCL = VSENSE - VEE
40
50
60
mV
SENSE Input Current
ISENSE
VSENSE = 50mV
-1
-0.2
0
µA
UNDERVOLTAGE LOCKOUT
Supply Internal Undervoltage
Lockout Voltage High
VUVLOH
VDD increasing
13.8
15.4
17.0
V
Supply Internal Undervoltage
Lockout Voltage Low
VUVLOL
VDD decreasing
11.8
13.4
15.0
V
UV INPUT
UV High Threshold
VUVH
UV voltage increasing
1.240
1.255
1.270
V
UV Low Threshold
VUVL
UV voltage decreasing
1.105
1.125
1.145
V
UV Hysteresis
VUVHY
130
mV
UV Input Current
IINUV
UV = VEE
-0.5
0
µA
OV INPUT
OV High Threshold
VOVH
OV voltage rising
1.235
1.255
1.275
V
OV Low Threshold
VOVL
OV voltage decreasing
1.189
1.205
1.221
V
OV Voltage Reference Hysteresis
VOVHY
50
mV
OV Input Current
IINOV
OV = VEE
-0.5
0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com