Electronic Components Datasheet Search
  English  ▼

X  

MAX5921 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX5921
Description  -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5921 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX5921 Datasheet HTML 10Page - Maxim Integrated Products MAX5921 Datasheet HTML 11Page - Maxim Integrated Products MAX5921 Datasheet HTML 12Page - Maxim Integrated Products MAX5921 Datasheet HTML 13Page - Maxim Integrated Products MAX5921 Datasheet HTML 14Page - Maxim Integrated Products MAX5921 Datasheet HTML 15Page - Maxim Integrated Products MAX5921 Datasheet HTML 16Page - Maxim Integrated Products MAX5921 Datasheet HTML 17Page - Maxim Integrated Products MAX5921 Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
-48V Hot-Swap Controllers with External
RSENSE and High Gate Pulldown Current
16
______________________________________________________________________________________
Chip Information
TRANSISTOR COUNT: 2645
PROCESS: BiCMOS
Selector Guide
PART
DCEN POLARITY
FAULT MANAGEMENT
MAXIMUM CURRENT-LIMIT
DURATION (ms)
MAXIMUM CURRENT-LIMIT
DUTY CYCLE
MAX5921AESA
Active-Low
PWRGD
Autoretry
0.5
1/128
MAX5921BESA
Active-High PWRGD
Autoretry
0.5
1/128
MAX5921EESA
Active-Low
PWRGD
Autoretry
2
1/128
MAX5921FESA
Active-High PWRGD
Autoretry
2
1/128
MAX5939AESA
Active-Low
PWRGD
Latched
0.5
1/128
MAX5939BESA
Active-High PWRGD
Latched
0.5
1/128
MAX5939EESA
Active-Low
PWRGD
Latched
2
1/128
MAX5939FESA
Active-High PWRGD
Latched
2
1/128
Ordering Information (continued)
PART
TEMP RANGE
PIN-PACKAGE
MAX5921EESA*
-40°C to +85°C
8 SO
MAX5921FESA*
-40°C to +85°C
8 SO
MAX5939AESA
-40°C to +85°C
8 SO
MAX5939BESA
-40°C to +85°C
8 SO
MAX5939EESA*
-40°C to +85°C
8 SO
MAX5939FESA*
-40°C to +85°C
8 SO
*Future product—contact factory for availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com