Electronic Components Datasheet Search
  English  ▼

X  

MAX5921 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5921
Description  -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5921 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5921 Datasheet HTML 1Page - Maxim Integrated Products MAX5921 Datasheet HTML 2Page - Maxim Integrated Products MAX5921 Datasheet HTML 3Page - Maxim Integrated Products MAX5921 Datasheet HTML 4Page - Maxim Integrated Products MAX5921 Datasheet HTML 5Page - Maxim Integrated Products MAX5921 Datasheet HTML 6Page - Maxim Integrated Products MAX5921 Datasheet HTML 7Page - Maxim Integrated Products MAX5921 Datasheet HTML 8Page - Maxim Integrated Products MAX5921 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
-48V Hot-Swap Controllers with External
RSENSE and High Gate Pulldown Current
_______________________________________________________________________________________
5
MAX5921
MAX5939
PWRGD/PWRGD
OV
UV
VEE
VDD
DRAIN
GATE
SENSE
R
5k
Ω
V+
5V
VOV
VUV
VSENSE
VDRAIN
VS
+
-
+48V
Figure 1a. Test Circuit 1
MAX5921
MAX5939
OV
UV
VEE
VDD
DRAIN
GATE
SENSE
VUV
VS
+
-
+48V
VS
+
-
+20V
10k
Ω
10
Ω
IRF530
0.1
µF
PWRGD/PWRGD
Figure 1b. Test Circuit 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com