Electronic Components Datasheet Search
  English  ▼

X  

MAX5921 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5921
Description  -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5921 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5921 Datasheet HTML 3Page - Maxim Integrated Products MAX5921 Datasheet HTML 4Page - Maxim Integrated Products MAX5921 Datasheet HTML 5Page - Maxim Integrated Products MAX5921 Datasheet HTML 6Page - Maxim Integrated Products MAX5921 Datasheet HTML 7Page - Maxim Integrated Products MAX5921 Datasheet HTML 8Page - Maxim Integrated Products MAX5921 Datasheet HTML 9Page - Maxim Integrated Products MAX5921 Datasheet HTML 10Page - Maxim Integrated Products MAX5921 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
-48V Hot-Swap Controllers with External
RSENSE and High Gate Pulldown Current
_______________________________________________________________________________________
7
Timing Diagrams (continued)
DRAIN
PWRGD
PWRGD
DRAIN
1.4V
1.4V
VEE
VEE
VEE
1V
1V
tPHLDL
tPHLDL
VDCEN - VDRAIN = 0V
Figure 5a. DRAIN to PWRGD/PWRGD Timing
∆VGATE - VGATE = 0V
1.4V
GATE
PWRGD
1V
VEE
VEE
∆VGATE - VGATE = 0V
GATE
PWRGD
1.4V
VDCEN - VDRAIN = 0V
tPHLGH
tPHLGH
1V
Figure 5b. GATE to PWRGD/PWRGD Timing
UVLO
VDD AND
REFERENCE
GENERATOR
LOGIC
OUTPUT
DRIVER
GATE
DRIVER
MAX5921/MAX5939
REF
50mV
UV
OV
VDD
VDD
REF
VEE
SENSE
GATE
DRAIN
VDL
VGH
∆VGATE
PWRGD
PWRGD
VEE
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com