Electronic Components Datasheet Search
  English  ▼

X  

MAX5921 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5921
Description  -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5921 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5921 Datasheet HTML 1Page - Maxim Integrated Products MAX5921 Datasheet HTML 2Page - Maxim Integrated Products MAX5921 Datasheet HTML 3Page - Maxim Integrated Products MAX5921 Datasheet HTML 4Page - Maxim Integrated Products MAX5921 Datasheet HTML 5Page - Maxim Integrated Products MAX5921 Datasheet HTML 6Page - Maxim Integrated Products MAX5921 Datasheet HTML 7Page - Maxim Integrated Products MAX5921 Datasheet HTML 8Page - Maxim Integrated Products MAX5921 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX5921/MAX5939 hot-swap controllers allow a cir-
cuit card to be safely hot plugged into a live backplane.
The MAX5921/MAX5939 operate from -20V to -80V and
are well suited for -48V power systems. These devices
are pin compatible with both the LT1640 and LT4250 and
provide improved features over these devices.
The MAX5921/MAX5939 provide a controlled turn-on to
circuit cards preventing damage to board connectors,
board components, and preventing glitches on the
power-supply rail. The MAX5921/MAX5939 provide
undervoltage, overvoltage, and overcurrent protection.
These devices ensure that the input voltage is stable
and within tolerance before applying power to the load.
Both the MAX5921 and MAX5939 protect a system
against overcurrent and short-circuit conditions by turn-
ing off the external MOSFET in the event of a fault con-
dition. The MAX5921/MAX5939 protect against input
voltage steps by limiting the load current to a safe level
without turning off power to the load.
The device features an open-drain power-good status
output, PWRGD or PWRGD for enabling downstream
converters (see Selector Guide). A built-in thermal shut-
down feature is also included to protect the external
MOSFET in case of overheating. The MAX5939 features
a latched fault output. The MAX5921 contains built-in
autoretry circuitry after a fault condition.
The MAX5921/MAX5939 are available in an 8-pin SO
package and operate in the extended -40°C to +85°C
temperature range.
Applications
Telecom Line Cards
Network Switches/Routers
Central-Office Line Cards
Server Line Cards
Base-Station Line Cards
Features
o Allows Safe Board Insertion and Removal
from a Live -48V Backplane
o Pin-Compatible with LT1640 and LT4250
o Circuit Breaker Immunity to Input Voltage Steps
and Current Spikes
o 450mA GATE Pulldown Current During Short-
Circuit Condition
o Exponential GATE Pulldown Current
o Withstands -100V Input Transients with No
External Components
o Programmable Inrush and Short-Circuit Current
Limits
o Operates from -20V to -80V
o Programmable Overvoltage Protection
o Programmable Undervoltage Lockout
with Built-In Glitch Filter
o Overcurrent Fault Integrator
o Powers Up into a Shorted Load
o Power-Good Control Output
o Thermal Shutdown Protects External MOSFET
-48V Hot-Swap Controllers with External
RSENSE and High Gate Pulldown Current
________________________________________________________________ Maxim Integrated Products
1
GATE
SENSE
VEE
1
2
8
7
VDD
DRAIN
OV
UV
PWRGD
(PWRGD)
SO
TOP VIEW
3
4
6
5
MAX5921
MAX5939
() FOR MAX5921B/F AND MAX5939B/F.
Pin Configuration
Ordering Information
19-2946; Rev 0; 9/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX5921AESA
-40°C to +85°C
8 SO
MAX5921BESA
-40°C to +85°C
8 SO
Typical Operating Circuit and Selector Guide appear at end
of data sheet.
Ordering Information continued at end of data sheet.


Similar Part No. - MAX5921

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5920 MAXIM-MAX5920 Datasheet
310Kb / 18P
-48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
MAX5920AESA MAXIM-MAX5920AESA Datasheet
310Kb / 18P
-48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
MAX5920BESA MAXIM-MAX5920BESA Datasheet
310Kb / 18P
-48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
MAX5922 MAXIM-MAX5922 Datasheet
437Kb / 21P
48V, Single-Port Network Power Switch For Power-Over-LAN
19-2708; Rev 0; 4/03
MAX5922AEUI MAXIM-MAX5922AEUI Datasheet
437Kb / 21P
48V, Single-Port Network Power Switch For Power-Over-LAN
19-2708; Rev 0; 4/03
More results

Similar Description - MAX5921

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5920 MAXIM-MAX5920 Datasheet
310Kb / 18P
-48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
MAX5948 MAXIM-MAX5948 Datasheet
685Kb / 18P
-48V Hot-Swap Controllers with External RSENSE
Rev 0; 10/04
MAX5949 MAXIM-MAX5949 Datasheet
269Kb / 18P
-48V Hot-Swap Controllers with External RSENSE
Rev 0; 11/04
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
-48V Hot Swap Controller
2003
logo
Maxim Integrated Produc...
MAX5936 MAXIM-MAX5936 Datasheet
343Kb / 23P
-48V Hot-Swap Controllers with VIN Step Immunity and No RSENSE
Rev 1; 1/05
MAX5948A MAXIM-MAX5948A_11 Datasheet
188Kb / 18P
-48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5949A MAXIM-MAX5949A_11 Datasheet
192Kb / 18P
-48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
logo
Linear Technology
LTC4253 LINER-LTC4253_15 Datasheet
389Kb / 34P
48V Hot Swap Controllers with Sequencer
LTC4253A LINER-LTC4253A_15 Datasheet
389Kb / 34P
48V Hot Swap Controllers with Sequencer
logo
Maxim Integrated Produc...
MAX5938 MAXIM-MAX5938 Datasheet
920Kb / 26P
-48V Hot-Swap Controller with VIN Step Immunity, No RSENSE, and Overvoltage Protection
19-3320; Rev 1; 1/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com