Electronic Components Datasheet Search
  English  ▼

X  

TSI352 Datasheet(PDF) 39 Page - Integrated Device Technology

Part # TSI352
Description  This chapter discusses the following topics about the Tsi352
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TSI352 Datasheet(HTML) 39 Page - Integrated Device Technology

Back Button TSI352 Datasheet HTML 35Page - Integrated Device Technology TSI352 Datasheet HTML 36Page - Integrated Device Technology TSI352 Datasheet HTML 37Page - Integrated Device Technology TSI352 Datasheet HTML 38Page - Integrated Device Technology TSI352 Datasheet HTML 39Page - Integrated Device Technology TSI352 Datasheet HTML 40Page - Integrated Device Technology TSI352 Datasheet HTML 41Page - Integrated Device Technology TSI352 Datasheet HTML 42Page - Integrated Device Technology TSI352 Datasheet HTML 43Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 183 page
background image
2. PCI Interface
39
Tsi352 User Manual
80D6000_MA001_03
Integrated Device Technology
www.idt.com
•
The function number in address bits AD[10:8] is equal to 111b.
•
The bus command is a configuration write transaction.
2.3.4
Special Cycles
The Type 1 configuration mechanism is used to generate special cycle transactions in hierarchical PCI
systems. Special cycle transactions are ignored by a PCI-to-PCI bridge acting as a target and are not
forwarded across the bridge. Special cycle transactions can be generated from Type 1 configuration
write transactions in either the upstream or the downstream direction.
The Tsi352 initiates a special cycle on the target bus when a Type 1 configuration write transaction is
detected on the initiating bus and the following conditions are met during the address phase:
•
The lower two address bits on AD[1:0] are equal to 01b
•
The device number in address bits AD[15:11] is equal to 11111b
•
The function number in address bits AD[10:8] is equal to 111b.
•
The register number in address bits AD[7:2] is equal to 000000b
•
The bus number is equal to the value in the secondary bus number register in configuration space
for downstream forwarding or equal to the value in the primary bus number register in
configuration space for upstream forwarding
•
The bus command on C/BE_b is a configuration write command
When the Tsi352 initiates the transaction on the target interface, the bus command is changed from a
configuration write to a special cycle and the following actions occur:
•
The address and data are forwarded unchanged
•
Devices that use special cycles ignore the address and decode only the bus command
•
The data phase contains the special cycle message
•
The transaction is forwarded as a delayed transaction, but in this case the target response is not
forwarded back (because special cycles result in a master abort)
•
Once the transaction is completed on the target bus, through detection of the master abort
condition, Tsi352 responds with TRDY_b to the next attempt of the configuration transaction from
the initiator.
•
If more than one data transfer is requested, the Tsi352 responds with a target disconnect operation
during the first data phase.
Tsi352 forwards Type 1-to-Type 1 configuration write transactions as delayed transactions.
Type 1-to-Type 1 configuration write transactions are limited to a single data transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com