Electronic Components Datasheet Search
  English  ▼

X  

TSI352 Datasheet(PDF) 41 Page - Integrated Device Technology

Part # TSI352
Description  This chapter discusses the following topics about the Tsi352
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TSI352 Datasheet(HTML) 41 Page - Integrated Device Technology

Back Button TSI352 Datasheet HTML 37Page - Integrated Device Technology TSI352 Datasheet HTML 38Page - Integrated Device Technology TSI352 Datasheet HTML 39Page - Integrated Device Technology TSI352 Datasheet HTML 40Page - Integrated Device Technology TSI352 Datasheet HTML 41Page - Integrated Device Technology TSI352 Datasheet HTML 42Page - Integrated Device Technology TSI352 Datasheet HTML 43Page - Integrated Device Technology TSI352 Datasheet HTML 44Page - Integrated Device Technology TSI352 Datasheet HTML 45Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 183 page
background image
2. PCI Interface
41
Tsi352 User Manual
80D6000_MA001_03
Integrated Device Technology
www.idt.com
2.4.1.1
Master Latency Timer Expiration
If the Tsi352 is delivering posted write data when it terminates the transaction because the master
latency timer expires, it initiates another transaction to deliver the remaining write data. The address of
the transaction is updated to reflect the address of the current Dword to be delivered. If the Tsi352 is
prefetching read data when it terminates the transaction because the master latency timer expires, it
does not repeat the transaction to obtain more data.
2.4.2
Master Abort Received by Tsi352
If the Tsi352 initiates a transaction on the target bus and does not detect DEVSEL_b returned by the
target within five clock cycles of the Tsi352’s assertion of FRAME_b, the Tsi352 terminates the
transaction with a master abort. The Tsi352 sets the received master abort bit in the status register
corresponding to the target bus.
For delayed read and write transactions, when the master abort mode bit in the “Bridge Control
Register—Offset 0x3C” on page 151 is 0, the Tsi352 returns TRDY_b on the initiator bus and, for read
transactions, returns FFFF_FFFFh as data. When the master abort mode bit is 1, the Tsi352 returns
target abort on the initiator bus. The Tsi352 also sets the signaled target abort bit in the register
corresponding to the initiator bus.
When a master abort is received in response to a posted write transaction, the Tsi352 discards the
posted write data and makes no more attempts to deliver the data. The Tsi352 sets the received master
abort bit in the status register when the master abort is received on the primary bus, or it sets the
received master abort bit in the secondary status register when the master abort is received on the
secondary interface.
When a master abort is detected in response to a posted write transaction, and the master abort mode bit
is set, the Tsi352 also asserts P_SERR_b. The functionality must be enabled by the SERR_b enable bit
in the command register and not be disabled by the device-specific P_SERR_b disable bit for master
abort during posted write transactions (that is, master abort mode = 1; SERR_b enable bit = 1; and
P_SERR_b disable bit for master aborts = 0.)
2.4.3
Target Termination Received by Tsi352
When the Tsi352 initiates a transaction on the target bus and the target responds with DEVSEL_b, the
target can end the transaction with one of the following types of termination:
•
Normal termination (upon deassertion of FRAME_b)
•
Target retry
•
Target disconnect
•
Target abort
The Tsi352 handles these terminations in different ways, depending on the type of transaction being
performed.
When the Tsi352 performs a Type 1 to special cycle translation, a master abort is the expected
termination for the special cycle on the target bus. In this case, the master abort received bit is
not set, and the Type 1 configuration transaction is disconnected after the first data phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com