Electronic Components Datasheet Search
  English  ▼

X  

TSI352 Datasheet(PDF) 96 Page - Integrated Device Technology

Part # TSI352
Description  This chapter discusses the following topics about the Tsi352
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TSI352 Datasheet(HTML) 96 Page - Integrated Device Technology

Back Button TSI352 Datasheet HTML 92Page - Integrated Device Technology TSI352 Datasheet HTML 93Page - Integrated Device Technology TSI352 Datasheet HTML 94Page - Integrated Device Technology TSI352 Datasheet HTML 95Page - Integrated Device Technology TSI352 Datasheet HTML 96Page - Integrated Device Technology TSI352 Datasheet HTML 97Page - Integrated Device Technology TSI352 Datasheet HTML 98Page - Integrated Device Technology TSI352 Datasheet HTML 99Page - Integrated Device Technology TSI352 Datasheet HTML 100Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 183 page
background image
10. Electrical Characteristics
96
Tsi352 User Manual
80D6000_MA001_03
Integrated Device Technology
www.idt.com
10.2
Recommended Operating Conditions
The following table contains the recommended operating conditions for the Tsi352.
10.3
Supply Current
Table 21 contains supply current characteristics for the Tsi352 for VDD at 3.3V.
Table 20: Recommended Operating Conditions
Symbol
Parameter
Minimum
Maximum
Units
Notes
VDD
3.3V DC I/O supply voltage
3.0
3.6
V
-
TA
Ambient temperature
0.0
85
oC
a, b
a.
No heat sink, no air flow.
b.
Higher ambient temperatures are permissible provided TJUNC is not violated. For heat sink and air flow requirements for higher
temperature operation, see .
TJUNC
Junction temperature
0.0
125
oC-
Table 21: Supply Current Characteristics at 3.3V
Supply Current at 66MHz
IDD max
Maximum VDD current draw
650
mA
a
a.
Measured with 4 loads on secondary side with each bit on the bus switching.
IDD idle
Idle VDD current draw
200
mA
b
b.
No bus switching,
Supply Current at 33MHz
IDD max
Maximum VDD current draw
310
mA
a
IDD idle
Idle VDD current draw
100
mA
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com