Electronic Components Datasheet Search
  English  ▼

X  

TSI352 Datasheet(PDF) 49 Page - Integrated Device Technology

Part # TSI352
Description  This chapter discusses the following topics about the Tsi352
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TSI352 Datasheet(HTML) 49 Page - Integrated Device Technology

Back Button TSI352 Datasheet HTML 45Page - Integrated Device Technology TSI352 Datasheet HTML 46Page - Integrated Device Technology TSI352 Datasheet HTML 47Page - Integrated Device Technology TSI352 Datasheet HTML 48Page - Integrated Device Technology TSI352 Datasheet HTML 49Page - Integrated Device Technology TSI352 Datasheet HTML 50Page - Integrated Device Technology TSI352 Datasheet HTML 51Page - Integrated Device Technology TSI352 Datasheet HTML 52Page - Integrated Device Technology TSI352 Datasheet HTML 53Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 183 page
background image
2. PCI Interface
49
Tsi352 User Manual
80D6000_MA001_03
Integrated Device Technology
www.idt.com
•
Tolerance of precharge voltage.
•
I/O buffers that meet modified V/I requirements.
•
Limited I/O terminal voltage at pre-charge voltage.
•
Hot Swap control and status programming via extended PCI capabilities linked list.
•
Hot Swap terminals: HS_ENUM_b, HS_SWITCH_b, and HS_LED_OUT, CompactPCI hot-swap
defines a process for installing and removing PCI boards without adversely affecting a running
system. The Tsi352 provides this functionality such that it can be implemented on a board that can
be removed and inserted in a hot-swap system.
Tsi352 provides three terminals to support hot-swap when configured to be in hot-swap mode:
•HS_ENUM_b (output) - Indicates to the system that an insertion event occurred or that a removal
event is about to occur.
•
HS_SWITCH_b (input) - Indicates the state of a board ejector handle.
•
HS_LED_OUT (output) - Drives a blue LED to signal insertion- and removal-ready status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com