Electronic Components Datasheet Search
  English  ▼

X  

TSI352 Datasheet(PDF) 51 Page - Integrated Device Technology

Part # TSI352
Description  This chapter discusses the following topics about the Tsi352
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TSI352 Datasheet(HTML) 51 Page - Integrated Device Technology

Back Button TSI352 Datasheet HTML 47Page - Integrated Device Technology TSI352 Datasheet HTML 48Page - Integrated Device Technology TSI352 Datasheet HTML 49Page - Integrated Device Technology TSI352 Datasheet HTML 50Page - Integrated Device Technology TSI352 Datasheet HTML 51Page - Integrated Device Technology TSI352 Datasheet HTML 52Page - Integrated Device Technology TSI352 Datasheet HTML 53Page - Integrated Device Technology TSI352 Datasheet HTML 54Page - Integrated Device Technology TSI352 Datasheet HTML 55Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 183 page
background image
51
Tsi352 User Manual
80D6000_MA001_03
Integrated Device Technology
www.idt.com
3.
Address Decoding
This chapter discusses the following:
•
“Overview of Address Decoding” on page 51
•
“Address Ranges” on page 51
•
“Address Forwarding” on page 51
•
“Memory Address Decoding” on page 55
•
“VGA Support” on page 59
3.1
Overview of Address Decoding
The Tsi352 uses three address ranges that control I/O and memory transaction forwarding. These
address ranges are defined by base and limit address registers in the Tsi352 configuration space. This
chapter describes these address ranges, as well as ISA-mode and VGA-addressing support.
3.2
Address Ranges
The Tsi352 uses the following address ranges that determine which I/O and memory transactions are
forwarded from the primary PCI bus to the secondary PCI bus, and from the secondary PCI bus to the
primary PCI bus:
•
One 32-bit I/O address range
•
One 32-bit memory-mapped I/O (non-prefetchable memory)
•
One 64-bit prefetchable memory address range
Transactions falling within these ranges are forwarded downstream from the primary PCI bus to the
secondary PCI bus. Transactions falling outside these ranges are forwarded upstream from the
secondary PCI bus to the primary PCI bus.
The Tsi352 uses a flat address space; that is, it does not perform any address translations. The address
space has no gaps — addresses that are not marked for downstream forwarding are always forwarded
upstream.
3.3
Address Forwarding
Tsi352 uses the following mechanisms that are defined in Tsi352 configuration space to specify the I/O
address space for downstream and upstream forwarding:
•
I/O base and limit address registers (“I/O Base Address Register—Offset 0x1C” on page 137)
•
The ISA enable bit (“Bridge Control Register—Offset 0x3C” on page 151)
•
The legacy ISA I/O enable bit (“Miscellaneous Control Register — Offset 0x58” on page 161)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com