Electronic Components Datasheet Search
  English  ▼

X  

S8235A Datasheet(PDF) 18 Page - Seiko Instruments Inc

Part # S8235A
Description  FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8235A Datasheet(HTML) 18 Page - Seiko Instruments Inc

Back Button S8235A Datasheet HTML 14Page - Seiko Instruments Inc S8235A Datasheet HTML 15Page - Seiko Instruments Inc S8235A Datasheet HTML 16Page - Seiko Instruments Inc S8235A Datasheet HTML 17Page - Seiko Instruments Inc S8235A Datasheet HTML 18Page - Seiko Instruments Inc S8235A Datasheet HTML 19Page - Seiko Instruments Inc S8235A Datasheet HTML 20Page - Seiko Instruments Inc S8235A Datasheet HTML 21Page - Seiko Instruments Inc S8235A Datasheet HTML 22Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
FOR AUTOMOTIVE BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
S-8235A Series
Rev.1.5_00
Seiko Instruments Inc.
18
Characteristics (Typical Data)
1. Detection voltage
1. 1 VCU vs. Ta
VCU = 4.050 V
1. 2 VCU
+ VHC vs. Ta
VHC =
−0.050 V
4.150
4.100
4.050
4.000
3.950
40
85
75
50
25
0
25
Ta [
C]
4.100
4.050
4.000
3.950
3.900
40
85
75
50
25
0
25
Ta [
C]
2. Current consumption
2. 1 IOPE vs. Ta
VDD = 15.25 V
2. 2 IOPED vs. Ta
VDD = 10.5 V
10
0
−40
85
75
50
25
0
−25
Ta [
C]
8
6
4
2
8
6
4
2
0
−40
85
75
50
25
0
−25
Ta [
C]
2. 3 IOPE vs. VDD
Ta =
+25°C
60
30
VDD [V]
25
20
15
10
5
0
50
40
30
20
10
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com