Electronic Components Datasheet Search
  English  ▼

X  

S8235A Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S8235A
Description  FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8235A Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S8235A Datasheet HTML 1Page - Seiko Instruments Inc S8235A Datasheet HTML 2Page - Seiko Instruments Inc S8235A Datasheet HTML 3Page - Seiko Instruments Inc S8235A Datasheet HTML 4Page - Seiko Instruments Inc S8235A Datasheet HTML 5Page - Seiko Instruments Inc S8235A Datasheet HTML 6Page - Seiko Instruments Inc S8235A Datasheet HTML 7Page - Seiko Instruments Inc S8235A Datasheet HTML 8Page - Seiko Instruments Inc S8235A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
FOR AUTOMOTIVE BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.5_00
S-8235A Series
Seiko Instruments Inc.
3
AEC-Q100 Qualified
This IC supports AEC-Q100 for the operation temperature grade 3.
Contact our sales office for details of AEC-Q100 reliability specification.
Product Name Structure
1. Product name
S-8235A xx - TCT1 U
Package abbreviation and IC packing specifications
*1
TCT1: 16-Pin TSSOP, Tape
Serial code
*2
Sequentially set from AA to ZZ
Environmental code
U:
Lead-free (Sn 100%), halogen-free
*1. Refer to the tape drawing.
*2. Refer to "3. Product name list".
2. Package
Table 1 Package Drawing Codes
Package Name
Dimension
Tape
Reel
16-Pin TSSOP
FT016-A-P-SD
FT016-A-C-SD
FT016-A-R-S1
3. Product name list
Table 2
Product Name
Overcharge Detection
Voltage
[VCU]
Overcharge Hysteresis
Voltage
[VHC]
Overcharge Detection
Delay Time
*1
[tCU]
S-8235AAA-TCT1U
4.050 V
−0.050 V
1.0 s
S-8235AAB-TCT1U
4.050 V
−0.250 V
1.0 s
S-8235AAC-TCT1U
4.250 V
−0.250 V
2.0 s
S-8235AAD-TCT1U
4.350 V
−0.150 V
2.0 s
S-8235AAE-TCT1U
4.350 V
−0.150 V
1.0 s
*1. Overcharge detection delay time is selectable in 1.0 s / 2.0 s / 4.0 s / 8.0 s.
Remark Please contact our sales office for products with detection voltage values other than those specified above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com