Electronic Components Datasheet Search
  English  ▼

X  

S8235A Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S8235A
Description  FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8235A Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S8235A Datasheet HTML 3Page - Seiko Instruments Inc S8235A Datasheet HTML 4Page - Seiko Instruments Inc S8235A Datasheet HTML 5Page - Seiko Instruments Inc S8235A Datasheet HTML 6Page - Seiko Instruments Inc S8235A Datasheet HTML 7Page - Seiko Instruments Inc S8235A Datasheet HTML 8Page - Seiko Instruments Inc S8235A Datasheet HTML 9Page - Seiko Instruments Inc S8235A Datasheet HTML 10Page - Seiko Instruments Inc S8235A Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
FOR AUTOMOTIVE BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.5_00
S-8235A Series
Seiko Instruments Inc.
7
Test Circuit
In Figure 4, the following statuses are the initial statuses 1 to 4.
Initial status 1: Set V1 = V2 = V3 = V4 = V5 = 2.8 V, SWCO = SWCAO = SWRSTO = SWCLKO = OFF, V8 = 0 V, V9 = 5 V,
V12 = V13 = 0 V.
Initial status 2: Set V1 = V2 = V3 = V4 = V5 = 3.5 V in initial status 1.
Initial status 3: Set V9 = 0 V in initial status 2, and output 8 clocks
*1 from V8.
Initial status 4: Set V1 = V2 = V3 = V4 = V5 = 2.8 V, V8 = 0 V, V9 = 0 V, V12 = V13 = 0 V.
*1. 1 clock is defined as follows.
"H": Output of 5 V for 50 ms or more
"L": Output of 0 V for 50 ms or more
V1
V2
V4
V3
V5
1
2
3 VC2
4 VC3
5 VC4
6 VC5
7 VSS
8
16
CLKO
15
RSTO
14
RSTI
13
CLKI
12
CAO
11
CTL
CAI
CO 9
NPI
10
VDD
VC1
S-8235A
V8
V9
V12 V13
V6
V7
V10
V11
A
SWCO
V
A
V
SWCAO
A
A
A
SWRSTO
V
A
SWCLKO
V
A
A
A
A
A
A
A
A
Figure 4 Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com