Electronic Components Datasheet Search
  English  ▼

X  

S8235A Datasheet(PDF) 16 Page - Seiko Instruments Inc

Part # S8235A
Description  FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8235A Datasheet(HTML) 16 Page - Seiko Instruments Inc

Back Button S8235A Datasheet HTML 12Page - Seiko Instruments Inc S8235A Datasheet HTML 13Page - Seiko Instruments Inc S8235A Datasheet HTML 14Page - Seiko Instruments Inc S8235A Datasheet HTML 15Page - Seiko Instruments Inc S8235A Datasheet HTML 16Page - Seiko Instruments Inc S8235A Datasheet HTML 17Page - Seiko Instruments Inc S8235A Datasheet HTML 18Page - Seiko Instruments Inc S8235A Datasheet HTML 19Page - Seiko Instruments Inc S8235A Datasheet HTML 20Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
FOR AUTOMOTIVE BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
S-8235A Series
Rev.1.5_00
Seiko Instruments Inc.
16
7. Example of self-test operation
By connecting in cascade, the S-8235A Series performs a self-test operation in 6-serial or more cells protection circuit.
The example of a self-test operation at the time of cascade connection is as follows.
Refer to Table 6 in " Operation" for the output pin voltage to be set depending on the input pin voltage.
CLKI (1)
RSTI (1)
CLKO (1)
RSTO (1)
CAO (1)
CAI (1)
CO (1)
CTL (1)
CLKI (2)
RSTI (2)
CLKO (2)
RSTO (2)
CAO (2)
CAI (2)
CO (2)
CTL (2)
K
C
1
2
1
D
H
L
A
F
B
G
J
E
I
Figure 10 Timing Chart during Self-test Operation in 8-serial Cell (5-cell
+ 3-cell) Protection Circuit
<A> When inputting "L" to the RSTI pin of the S-8235A (1) (hereinafter, it is indicated as (1)), the self-test operation is
initiated.
<B> When a clock signal is input to the CLKI pin of (1), the overcharge detection operation of (1) is confirmed.
<C> It is possible to confirm that the self-test operation is performed in (1).
<D> The RSTO pin of (1) outputs "L", and then the voltage is input to the RSTI pin of the S-8235A (2) (hereinafter, it
is indicated as (2)).
<E> The CLKO pin output of (1) is input to the CLKI pin of (2).
<F> When a clock signal is input to the CLKI pin of (2), the overcharge detection operation of (2) is confirmed.
<G> The CO pin output of (2) is input to the CTL pin of (1).
<H> The CO pin output of (2) is output from the CO pin of (1).
<I> The CAO pin output of (2) is input to the CAI pin of (1).
<J> It is possible to confirm that the self-test operation is performed in (2).
<K> When inputting "H" to the RSTI pin of (1), the RSTO pin outputs "H".
<L> When "H" is input to the RSTI pin of (2), the self-test operation is terminated.
Caution 1. The S-8235A Series changes to the overcharge status if the voltage between voltage monitoring
pins exceeds overcharge detection voltage n (VCUn) during a self-test operation.
2. Since the voltage between voltage monitoring pins does not exceed VCUn when a self-test
operation is performed in battery voltage drop, the S-8235A Series may not detect the
overcharge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com