Electronic Components Datasheet Search
  English  ▼

X  

S8235A Datasheet(PDF) 20 Page - Seiko Instruments Inc

Part # S8235A
Description  FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8235A Datasheet(HTML) 20 Page - Seiko Instruments Inc

Back Button S8235A Datasheet HTML 16Page - Seiko Instruments Inc S8235A Datasheet HTML 17Page - Seiko Instruments Inc S8235A Datasheet HTML 18Page - Seiko Instruments Inc S8235A Datasheet HTML 19Page - Seiko Instruments Inc S8235A Datasheet HTML 20Page - Seiko Instruments Inc S8235A Datasheet HTML 21Page - Seiko Instruments Inc S8235A Datasheet HTML 22Page - Seiko Instruments Inc S8235A Datasheet HTML 23Page - Seiko Instruments Inc S8235A Datasheet HTML 24Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
FOR AUTOMOTIVE BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
S-8235A Series
Rev.1.5_00
Seiko Instruments Inc.
20
5. Output current
5. 1 IVCLn vs. Ta
VDD = 15.25 V
5. 2 IVCHn vs. VDD
VDD = 15.25 V
1.4
1.2
1.0
0.8
0.6
−40
85
75
50
25
0
−25
Ta [
C]
−0.7
−40
85
75
50
25
0
−25
Ta [
C]
−0.9
−1.1
−1.3
5. 3 ICLKIH vs. Ta
VDD = 15.25 V
5. 4 ICLKIL vs. Ta
VDD = 17.5 V
20.0
15.0
10.0
5.0
0.0
−40
85
75
50
25
0
−25
Ta [
C]
−0.4
−40
85
75
50
25
0
−25
Ta [
C]
−0.6
−0.8
−1.0
5. 5 IRSTIH vs. Ta
VDD = 17.5 V
5. 6 IRSTIL vs. Ta
VDD = 17.5 V
20.0
15.0
10.0
5.0
0.0
−40
85
75
50
25
0
−25
Ta [
C]
−0.4
−40
85
75
50
25
0
−25
Ta [
C]
−0.6
−0.8
−1.0
5. 7 ICTLH vs. Ta
VDD = 17.5 V
5. 8 ICTLL vs. Ta
VDD = 17.5 V
1.0
−40
85
75
50
25
0
−25
Ta [
C]
0.8
0.6
0.4
0.0
−5.0
−10.0
−15.0
−20.0
−40
85
75
50
25
0
−25
Ta [
C]
Remark n = 1 to 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com